Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-E/MDQTP Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC12F683-E/MDQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/MDQTP Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC12F683-E/MDQTP Datasheet HTML 83Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 84Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 85Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 86Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 87Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 88Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 89Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 90Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 176 page
background image
© 2007 Microchip Technology Inc.
DS41211D-page 85
PIC12F683
12.2
Calibration Bits
Brown-out Reset (BOR), Power-on Reset (POR) and
8 MHz internal oscillator (HFINTOSC) are factory cali-
brated. These calibration values are stored in fuses
located in the Calibration Word (2009h). The Calibra-
tion Word is not erased when using the specified bulk
erase sequence in the “PIC12F6XX/16F6XX Memory
Programming Specification” (DS41244) and thus, does
not require reprogramming.
12.3
Reset
The PIC12F683 differentiates between various kinds of
Reset:
a)
Power-on Reset (POR)
b)
WDT Reset during normal operation
c)
WDT Reset during Sleep
d)
MCLR Reset during normal operation
e)
MCLR Reset during Sleep
f)
Brown-out Reset (BOR)
Some registers are not affected in any Reset condition;
their status is unknown on POR and unchanged in any
other Reset. Most other registers are reset to a “Reset
state” on:
• Power-on Reset
•MCLR Reset
•MCLR Reset during Sleep
• WDT Reset
• Brown-out Reset (BOR)
WDT wake-up does not cause register resets in the
same manner as a WDT Reset since wake-up is
viewed as the resumption of normal operation. TO and
PD bits are set or cleared differently in different Reset
situations, as indicated in Table 12-2. Software can use
these bits to determine the nature of the Reset. See
Table 12-4 for a full description of Reset states of all
registers.
A simplified block diagram of the On-Chip Reset Circuit
is shown in Figure 12-1.
The MCLR Reset path has a noise filter to detect and
ignore small pulses. See Section 15.0 “Electrical
Specifications” for pulse-width specifications.
FIGURE 12-1:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
Note 1:
Refer to the Configuration Word register (Register 12-1).
S
R
Q
External
Reset
MCLR/VPP pin
VDD
OSC1/
WDT
Module
VDD Rise
Detect
OST/PWRT
LFINTOSC
WDT
Time-out
Power-on Reset
OST
10-bit Ripple Counter
PWRT
Chip_Reset
11-bit Ripple Counter
Reset
Enable OST
Enable PWRT
SLEEP
Brown-out(1)
Reset
SBOREN
BOREN
CLKI pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com