Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-E/MDQTP Datasheet(PDF) 90 Page - Microchip Technology

Part # PIC12F683-E/MDQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/MDQTP Datasheet(HTML) 90 Page - Microchip Technology

Back Button PIC12F683-E/MDQTP Datasheet HTML 86Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 87Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 88Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 89Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 90Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 91Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 92Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 93Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 176 page
background image
PIC12F683
DS41211D-page 88
© 2007 Microchip Technology Inc.
12.3.6
TIME-OUT SEQUENCE
On power-up, the time-out sequence is as follows:
• PWRT time-out is invoked after POR has expired.
• OST is activated after the PWRT time-out has
expired.
The total time-out will vary based on oscillator
configuration and PWRTE bit status. For example, in EC
mode with PWRTE bit erased (PWRT disabled), there
will be no time-out at all. Figure 12-4, Figure 12-5 and
Figure 12-6 depict time-out sequences. The device can
execute code from the INTOSC while OST is active by
enabling Two-Speed Start-up or Fail-Safe Monitor (see
Section 3.7.2 “Two-Speed Start-up Sequence” and
Section 3.8 “Fail-Safe Clock Monitor”).
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, the time-outs will expire. Then,
bringing MCLR high will begin execution immediately
(see Figure 12-5). This is useful for testing purposes or
to synchronize more than one PIC12F683 device
operating in parallel.
Table 12-5 shows the Reset conditions for some
special registers, while Table 12-4 shows the Reset
conditions for all the registers.
12.3.7
POWER CONTROL (PCON)
REGISTER
The Power Control register PCON (address 8Eh) has
two Status bits to indicate what type of Reset occurred
last.
Bit 0 is BOR (Brown-out). BOR is unknown on
Power-on Reset. It must then be set by the user and
checked on subsequent Resets to see if BOR = 0,
indicating that a Brown-out has occurred. The BOR
Status bit is a “don’t care” and is not necessarily
predictable
if
the
brown-out
circuit
is
disabled
(BOREN<1:0>
= 00 in the Configuration Word
register).
Bit 1 is POR (Power-on Reset). It is a ‘0’ on Power-on
Reset and unaffected otherwise. The user must write a
‘1’ to this bit following a Power-on Reset. On a subse-
quent Reset, if POR is ‘0’, it will indicate that a
Power-on Reset has occurred (i.e., VDD may have
gone too low).
For more information, see Section 4.2.4 “Ultra
Low-Power
Wake-up”
and
Section 12.3.4
“Brown-Out Reset (BOR)”.
TABLE 12-1:
TIME-OUT IN VARIOUS SITUATIONS
TABLE 12-2:
STATUS/PCON BITS AND THEIR SIGNIFICANCE
TABLE 12-3:
SUMMARY OF REGISTERS ASSOCIATED WITH BROWN-OUT RESET
Oscillator Configuration
Power-up
Brown-out Reset
Wake-up from
Sleep
PWRTE = 0
PWRTE = 1
PWRTE = 0
PWRTE = 1
XT, HS, LP
TPWRT + 1024 •
TOSC
1024 • TOSC
TPWRT + 1024 •
TOSC
1024 • TOSC
1024 • TOSC
RC, EC, INTOSC
TPWRT
—TPWRT
——
POR
BOR
TO
PD
Condition
0x11
Power-on Reset
u011
Brown-out Reset
uu0u
WDT Reset
uu00
WDT Wake-up
uuuu
MCLR Reset during normal operation
uu10
MCLR Reset during Sleep
Legend: u = unchanged, x = unknown
Name
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets(1)
CONFIG(2)
BOREN1
BOREN0
CPD
CP
MCLRE
PWRTE
WDTE
FOSC2
FOSC1
FOSC0
—
—
PCON
—
—
ULPWUE SBOREN
—
—POR
BOR
--01 --qq
--0u --uu
STATUS
IRP
RP1
RP0
TO
PD
Z
DC
C
0001 1xxx
000q quuu
Legend:
u
= unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition. Shaded cells are not used by BOR.
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
See Configuration Word register (Register 12-1) for operation of all register bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com