Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-E/MDQTP Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC12F683-E/MDQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/MDQTP Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC12F683-E/MDQTP Datasheet HTML 85Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 86Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 87Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 88Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 89Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 90Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 91Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 92Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 176 page
background image
© 2007 Microchip Technology Inc.
DS41211D-page 87
PIC12F683
12.3.4
BROWN-OUT RESET (BOR)
The BOREN0 and BOREN1 bits in the Configuration
Word register select one of four BOR modes. Two
modes have been added to allow software or hardware
control of the BOR enable. When BOREN<1:0> = 01,
the SBOREN bit of the PCON register enables/disables
the BOR, allowing it to be controlled in software. By
selecting BOREN<1:0> = 10, the BOR is automatically
disabled in Sleep to conserve power and enabled on
wake-up. In this mode, the SBOREN bit is disabled.
See
Register 12-1
for
the
Configuration
Word
definition.
A brown-out occurs when VDD falls below VBOR for
greater than parameter TBOR (see Section 15.0
“Electrical Specifications”). The brown-out condition
will reset the device. This will occur regardless of VDD
slew rate. A Brown-out Reset may not occur if VDD falls
below VBOR for less than parameter TBOR.
On any Reset (Power-on, Brown-out Reset, Watchdog
Timer, etc.), the chip will remain in Reset until VDD rises
above VBOR (see Figure 12-3). If enabled, the
Power-up Timer will be invoked by the Reset and keep
the chip in Reset an additional 64 ms.
If VDD drops below VBOR while the Power-up Timer is
running, the chip will go back into a Brown-out Reset
and the Power-up Timer will be re-initialized. Once VDD
rises above VBOR, the Power-up Timer will execute a
64 ms Reset.
12.3.5
BOR CALIBRATION
The PIC12F683 stores the BOR calibration values in
fuses located in the Calibration Word register (2008h).
The Calibration Word register is not erased when using
the
specified
bulk
erase
sequence
in
the
“PIC12F6XX/16F6XX Memory Programming Specifi-
cation”
(DS41204)
and
thus,
does
not
require
reprogramming.
FIGURE 12-3:
BROWN-OUT SITUATIONS
Note:
The Power-up Timer is enabled by the
PWRTE bit in the Configuration Word
register.
Note:
Address 2008h is beyond the user pro-
gram memory space. It belongs to the
special
configuration
memory
space
(2000h-3FFFh), which can be accessed
only
during
programming.
See
“PIC12F6XX/16F6XX Memory Program-
ming Specification” (DS41204) for more
information.
64 ms(1)
VBOR
VDD
Internal
Reset
VBOR
VDD
Internal
Reset
64 ms(1)
< 64 ms
64 ms(1)
VBOR
VDD
Internal
Reset
Note 1:
64 ms delay only if PWRTE bit is programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com