Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-E/MDQTP Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC12F683-E/MDQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/MDQTP Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC12F683-E/MDQTP Datasheet HTML 52Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 53Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 54Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 55Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 56Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 57Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 58Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 59Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 176 page
background image
PIC12F683
DS41211D-page 54
© 2007 Microchip Technology Inc.
8.4
Comparator Control
The CMCON0 register (Register 8-1) provides access
to the following comparator features:
• Mode selection
• Output state
• Output polarity
• Input switch
8.4.1
COMPARATOR OUTPUT STATE
The Comparator state can always be read internally via
the COUT bit of the CMCON0 register. The comparator
state may also be directed to the COUT pin in the
following modes:
• CM<2:0> = 001
• CM<2:0> = 011
• CM<2:0> = 101
When one of the above modes is selected, the associ-
ated TRIS bit of the COUT pin must be cleared.
8.4.2
COMPARATOR OUTPUT POLARITY
Inverting the output of the comparator is functionally
equivalent to swapping the comparator inputs. The
polarity of the comparator output can be inverted by
setting the CINV bit of the CMCON0 register. Clearing
CINV results in a non-inverted output. A complete table
showing the output state versus input conditions and
the polarity bit is shown in Table 8-1.
TABLE 8-1:
OUTPUT STATE VS. INPUT
CONDITIONS
8.4.3
COMPARATOR INPUT SWITCH
The inverting input of the comparator may be switched
between two analog pins in the following modes:
• CM<2:0> = 101
• CM<2:0> = 110
In the above modes, both pins remain in analog mode
regardless of which pin is selected as the input. The
CIS bit of the CMCON0 register controls the comparator
input switch.
8.5
Comparator Response Time
The comparator output is indeterminate for a period of
time after the change of an input source or the selection
of a new reference voltage. This period is referred to as
the response time. The response time of the
comparator differs from the settling time of the voltage
reference. Therefore, both of these times must be
considered when determining the total response time
to a comparator input change. See the Comparator and
Voltage Reference Specifications in Section 15.0
“Electrical Specifications” for more details.
Input Conditions
CINV
COUT
VIN- > VIN+
00
VIN- < VIN+
01
VIN- > VIN+
11
VIN- < VIN+
10
Note:
COUT refers to both the register bit and
output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com