Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-E/MDQTP Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC12F683-E/MDQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/MDQTP Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC12F683-E/MDQTP Datasheet HTML 60Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 61Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 62Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 63Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 64Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 65Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 66Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 67Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 176 page
background image
PIC12F683
DS41211D-page 62
© 2007 Microchip Technology Inc.
9.1.3
ADC VOLTAGE REFERENCE
The VCFG bit of the ADCON0 register provides control
of the positive voltage reference. The positive voltage
reference can be either VDD or an external voltage
source. The negative voltage reference is always
connected to the ground reference.
9.1.4
CONVERSION CLOCK
The source of the conversion clock is software select-
able via the ADCS bits of the ANSEL register. There
are seven possible clock options:
•FOSC/2
•FOSC/4
•FOSC/8
•FOSC/16
•FOSC/32
•FOSC/64
•FRC (dedicated internal oscillator)
The time to complete one bit conversion is defined as
TAD. One full 10-bit conversion requires 11 TAD periods
as shown in Figure 9-2.
For correct conversion, the appropriate TAD specification
must be met. See A/D conversion requirements in
Section 15.0 “Electrical Specifications” for more
information. Table 9-1 gives examples of appropriate
ADC clock selections.
TABLE 9-1:
ADC CLOCK PERIOD (TAD) VS. DEVICE OPERATING FREQUENCIES (VDD > 3.0V)
FIGURE 9-2:
ANALOG-TO-DIGITAL CONVERSION TAD CYCLES
Note:
Unless using the FRC, any changes in the
system clock frequency will change the
ADC
clock
frequency,
which
may
adversely affect the ADC result.
ADC Clock Period (TAD)
Device Frequency (FOSC)
ADC Clock Source
ADCS<2:0>
20 MHz
8 MHz
4 MHz
1 MHz
FOSC/2
000
100 ns(2)
250 ns(2)
500 ns(2)
2.0
μs
FOSC/4
100
200 ns(2)
500 ns(2)
1.0
μs(2)
4.0
μs
FOSC/8
001
400 ns(2)
1.0
μs(2)
2.0
μs
8.0
μs(3)
FOSC/16
101
800 ns(2)
2.0
μs4.0 μs
16.0
μs(3)
FOSC/32
010
1.6
μs4.0 μs
8.0
μs(3)
32.0
μs(3)
FOSC/64
110
3.2
μs
8.0
μs(3)
16.0
μs(3)
64.0
μs(3)
FRC
x11
2-6
μs(1,4)
2-6
μs(1,4)
2-6
μs(1,4)
2-6
μs(1,4)
Legend: Shaded cells are outside of recommended range.
Note 1:
The FRC source has a typical TAD time of 4
μs for VDD > 3.0V.
2:
These values violate the minimum required TAD time.
3:
For faster conversion times, the selection of another clock source is recommended.
4:
When the device frequency is greater than 1 MHz, the FRC clock source is only recommended if the
conversion will be performed during Sleep.
TAD1 TAD2 TAD3 TAD4 TAD5 TAD6 TAD7 TAD8 TAD9
Set GO/DONE bit
Holding Capacitor is Disconnected from Analog Input (typically 100 ns)
b9
b8
b7
b6
b5
b4
b3
b2
TAD10 TAD11
b1
b0
TCY to TAD
Conversion Starts
ADRESH and ADRESL registers are loaded,
GO bit is cleared,
ADIF bit is set,
Holding capacitor is connected to analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com