Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-E/MDQTP Datasheet(PDF) 85 Page - Microchip Technology

Part # PIC12F683-E/MDQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/MDQTP Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC12F683-E/MDQTP Datasheet HTML 81Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 82Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 83Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 84Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 85Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 86Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 87Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 88Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 176 page
background image
© 2007 Microchip Technology Inc.
DS41211D-page 83
PIC12F683
12.0
SPECIAL FEATURES OF THE
CPU
The PIC12F683 has a host of features intended to
maximize system reliability, minimize cost through
elimination of external components, provide power
saving features and offer code protection.
These features are:
• Reset
- Power-on Reset (POR)
- Power-up Timer (PWRT)
- Oscillator Start-up Timer (OST)
- Brown-out Reset (BOR)
• Interrupts
• Watchdog Timer (WDT)
• Oscillator Selection
• Sleep
• Code Protection
• ID Locations
• In-Circuit Serial Programming™
The PIC12F683 has two timers that offer necessary
delays on power-up. One is the Oscillator Start-up Timer
(OST), intended to keep the chip in Reset until the crys-
tal oscillator is stable. The other is the Power-up Timer
(PWRT), which provides a fixed delay of 64 ms (nomi-
nal) on power-up only, designed to keep the part in
Reset while the power supply stabilizes. There is also
circuitry to reset the device if a brown-out occurs, which
can use the Power-up Timer to provide at least a 64 ms
Reset. With these three functions on-chip, most
applications need no external Reset circuitry.
The Sleep mode is designed to offer a very low-current
Power-down mode. The user can wake-up from Sleep
through:
•External Reset
• Watchdog Timer Wake-up
• An interrupt
Several oscillator options are also made available to
allow the part to fit the application. The INTOSC option
saves system cost while the LP crystal option saves
power. A set of Configuration bits are used to select
various options (see Register 12-1).
12.1
Configuration Bits
The Configuration bits can be programmed (read as
‘0’), or left unprogrammed (read as ‘1’) to select various
device configurations as shown in Register 12-1.
These bits are mapped in program memory location
2007h.
Note:
Address
2007h is
beyond the user
program memory space. It belongs to the
special
configuration
memory
space
(2000h-3FFFh), which can be accessed
only
during
programming.
See
“PIC12F6XX/16F6XX Memory Program-
ming Specification” (DS41204) for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com