Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-E/MDQTP Datasheet(PDF) 76 Page - Microchip Technology

Part # PIC12F683-E/MDQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/MDQTP Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC12F683-E/MDQTP Datasheet HTML 72Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 73Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 74Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 75Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 76Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 77Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 78Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 79Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 176 page
background image
PIC12F683
DS41211D-page 74
© 2007 Microchip Technology Inc.
10.5
Protection Against Spurious Write
There are conditions when the user may not want to
write to the data EEPROM memory. To protect against
spurious EEPROM writes, various mechanisms have
been built in. On power-up, WREN is cleared. Also, the
Power-up
Timer
(64 ms
duration)
prevents
EEPROM write.
The write initiate sequence and the WREN bit together
help prevent an accidental write during:
• Brown-out
•Power Glitch
• Software Malfunction
10.6
Data EEPROM Operation During
Code-Protect
Data memory can be code-protected by programming
the CPD bit in the Configuration Word register
(Register 12-1) to ‘0’.
When the data memory is code-protected, the CPU is
able to read and write data to the data EEPROM. It is
recommended to code-protect the program memory
when code-protecting data memory. This prevents
anyone from programming zeroes over the existing
code (which will execute as NOPs) to reach an added
routine, programmed in unused program memory,
which
outputs
the
contents
of
data
memory.
Programming unused locations in program memory to
‘0’ will also help prevent data memory code protection
from becoming breached.
TABLE 10-1:
SUMMARY OF ASSOCIATED DATA EEPROM REGISTERS
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
0000 0000
0000 0000
PIR1
EEIF
ADIF
CCP1IF
—
CMIF
OSFIF
TMR2IF
TMR1IF
000- 0000
000- 0000
PIE1
EEIE
ADIE
CCP1IE
—
CMIE
OSFIE
TMR2IE
TMR1IE
000- 0000
000- 0000
EEDAT
EEDAT7
EEDAT6
EEDAT5
EEDAT4
EEDAT3
EEDAT2
EEDAT1
EEDAT0
0000 0000
0000 0000
EEADR
EEADR7
EEADR6
EEADR5
EEADR4 EEADR3 EEADR2 EEADR1 EEADR0
0000 0000
0000 0000
EECON1
—
—
—
—
WRERR
WREN
WR
RD
---- x000
---- q000
EECON2(1) EEPROM Control Register 2
---- ----
---- ----
Legend:
x
= unknown, u = unchanged, – = unimplemented read as ‘0’, q = value depends upon condition. Shaded cells are not
used by the Data EEPROM module.
Note
1:
EECON2 is not a physical register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com