Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-E/MDQTP Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC12F683-E/MDQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/MDQTP Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC12F683-E/MDQTP Datasheet HTML 13Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 14Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 15Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 16Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 17Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 18Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 19Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 20Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 176 page
background image
© 2007 Microchip Technology Inc.
DS41211D-page 15
PIC12F683
2.2.2.5
PIR1 Register
The PIR1 register contains the interrupt flag bits, as
shown in Register 2-5.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the global
enable bit, GIE of the INTCON register.
User software should ensure the appropri-
ate interrupt flag bits are clear prior to
enabling an interrupt.
REGISTER 2-5:
PIR1: PERIPHERAL INTERRUPT REQUEST REGISTER 1
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
EEIF
ADIF
CCP1IF
—
CMIF
OSFIF
TMR2IF
TMR1IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
EEIF: EEPROM Write Operation Interrupt Flag bit
1
= The write operation completed (must be cleared in software)
0
= The write operation has not completed or has not been started
bit 6
ADIF: A/D Interrupt Flag bit
1
= A/D conversion complete
0
= A/D conversion has not completed or has not been started
bit 5
CCP1IF: CCP1 Interrupt Flag bit
Capture mode:
1
= A TMR1 register capture occurred (must be cleared in software)
0
= No TMR1 register capture occurred
Compare mode:
1
= A TMR1 register compare match occurred (must be cleared in software)
0
= No TMR1 register compare match occurred
PWM mode:
Unused in this mode
bit 4
Unimplemented: Read as ‘0’
bit 3
CMIF: Comparator Interrupt Flag bit
1
= Comparator 1 output has changed (must be cleared in software)
0
= Comparator 1 output has not changed
bit 2
OSFIF: Oscillator Fail Interrupt Flag bit
1
= System oscillator failed, clock input has changed to INTOSC (must be cleared in software)
0
= System clock operating
bit 1
TMR2IF: Timer2 to PR2 Match Interrupt Flag bit
1
= Timer2 to PR2 match occurred (must be cleared in software)
0
= Timer2 to PR2 match has not occurred
bit 0
TMR1IF: Timer1 Overflow Interrupt Flag bit
1
= Timer1 register overflowed (must be cleared in software)
0
= Timer1 has not overflowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com