Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-E/MDQTP Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC12F683-E/MDQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/MDQTP Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC12F683-E/MDQTP Datasheet HTML 97Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 98Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 99Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 100Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 101Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 102Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 103Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 104Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 176 page
background image
© 2007 Microchip Technology Inc.
DS41211D-page 99
PIC12F683
FIGURE 12-10:
WAKE-UP FROM SLEEP THROUGH INTERRUPT
12.8
Code Protection
If
the
code
protection
bit(s)
have
not
been
programmed, the on-chip program memory can be
read out using ICSP™ for verification purposes.
12.9
ID Locations
Four memory locations (2000h-2003h) are designated
as ID locations where the user can store checksum or
other code identification numbers. These locations are
not accessible during normal execution, but are
readable and writable during Program/Verify mode.
Only the Least Significant 7 bits of the ID locations are
used.
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
OSC1
CLKOUT(4)
INT pin
INTF flag
(INTCON<1>)
GIE bit
(INTCON<7>)
Instruction Flow
PC
Instruction
Fetched
Instruction
Executed
PC
PC + 1
PC + 2
Inst(PC) = Sleep
Inst(PC – 1)
Inst(PC + 1)
Sleep
Processor in
Sleep
Interrupt Latency(3)
Inst(PC + 2)
Inst(PC + 1)
Inst(0004h)
Inst(0005h)
Inst(0004h)
Dummy Cycle
PC + 2
0004h
0005h
Dummy Cycle
TOST(2)
PC + 2
Note
1:
XT, HS or LP Oscillator mode assumed.
2:
TOST = 1024 TOSC (drawing not to scale). This delay does not apply to EC and RCIO Oscillator modes.
3:
GIE = 1 assumed. In this case after wake-up, the processor jumps to 0004h. If GIE = 0, execution will continue in-line.
4:
CLKOUT is not available in XT, HS, LP or EC Oscillator modes, but shown here for timing reference.
Note:
The entire data EEPROM and Flash pro-
gram memory will be erased when the
code protection is turned off. See the
“PIC12F6XX/16F6XX Memory
Programming Specification” (DS41204)
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com