Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-E/MDQTP Datasheet(PDF) 152 Page - Microchip Technology

Part # PIC12F683-E/MDQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/MDQTP Datasheet(HTML) 152 Page - Microchip Technology

Back Button PIC12F683-E/MDQTP Datasheet HTML 148Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 149Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 150Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 151Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 152Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 153Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 154Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 155Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 176 page
background image
PIC12F683
DS41211D-page 150
© 2007 Microchip Technology Inc.
FIGURE 16-26:
VOH vs. IOH OVER TEMPERATURE (VDD = 5.0V)
FIGURE 16-27:
TTL INPUT THRESHOLD VIN vs. VDD OVER TEMPERATURE
(VDD = 5V, -40×C TO 125×C)
3.0
3.5
4.0
4.5
5.0
5.5
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
IOH (mA)
Max. -40°C
Typ. 25°C
Min. 125°C
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-case Temp) + 3
σ
(-40°C to 125°C)
(TTL Input, -40×C TO 125×C)
0.5
0.7
0.9
1.1
1.3
1.5
1.7
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
Typ. 25°C
Max. -40°C
Min. 125°C
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-case Temp) + 3
σ
(-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com