Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE Datasheet(PDF) 22 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 22 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 18Page - Winchester Electronics Corporation SLE Datasheet HTML 19Page - Winchester Electronics Corporation SLE Datasheet HTML 20Page - Winchester Electronics Corporation SLE Datasheet HTML 21Page - Winchester Electronics Corporation SLE Datasheet HTML 22Page - Winchester Electronics Corporation SLE Datasheet HTML 23Page - Winchester Electronics Corporation SLE Datasheet HTML 24Page - Winchester Electronics Corporation SLE Datasheet HTML 25Page - Winchester Electronics Corporation SLE Datasheet HTML 26Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
Omit steps not required
H
■
Step 4
Guides and
Jackscrew
Locks:
(See bottom
Chart)
■
Step 5
Hoods:
H - Standard top opening.
Sizes 26, 34, 42 &
50 only.
H1 - Standard side opening.
Available all sizes.
H8 - Large top opening.
Sizes 26, 34, 42 &
50 only.
H9 - Large side opening.
Available all sizes.
H13 -Large top opening,
high hood. Sizes 9, 14,
18 & 20 only.
GVL
■
Step 6
Vibration
Locks:
V - Lock Tab
V2 - Lock Tab
(Size 50)
VL - Lever &
Pivot Ass’y
VL2- Lever &
Pivot Ass’y
(Size 50)
■
Step 7
Special
Options:
Consult Sales
Department
■
Step 1
Insert Series
Code:
TMRAC
■
Step 2
Number of
Contacts:
9, 14, 18,
20, 26, 34,
42, 50,
See note 1
below.
■
Step 3
Contact
Designation:
P - Pin
S - Socket
When
ordering
moldings less
hardware for
use with
mono-jacks,
see note 2
below.
S
34
TMRAC
Guides
G*
Phosphor Bronze Cylindrical Guides
K
Beryllium Copper Cylindrical Guides
N*
Brass Cylindrical Guides
“P” indicates two guide pins or two jackscrews
(EX. JTCP)
“S” indicates two guide sockets or two jacksockets
(Ex. GS)
* For passivated stainless steel add SS suffix.
Jackscrew Locks
***J
Polarized Fixed Jackscrew and Jacksocket
JT
Polarized Short Turning Jackscrew and
Jacksocket
JTC
Polarized Long Turning Jackscrew and
Jacksocket
JTD
Polarized Long Turning Mono-Jackscrew and
Mono-Jacksocket for Sizes 34, 42, and
50 only.
**JZ
Same as J but with 6-32 mtg. thd.
**JTW Same as JT but with knurled round knob
with internal hex
**JTU Same as JT but with knurled round knob
with screwdriver slot
**JTX Same as JT but with hex knob
**JTCW Same as JTC but with knurled round knob
with internal hex
**JTCU Same as JTC but with knurled round knob
with screwdriver slot
**JTCX Same as JTC but with hex knob
**JTCZ Same as JTC but with prybar knob
** Request availablity information.
***Material: Nickel Plated Brass standard
■
Step 4
Notes: 1. Contacts are ordered separately. See 100 Series contact section of Rack & Panel
2. When ordering hoods, hardware and connectors separately for use with JTD Monojacks,
connectors must be ordered as follows:
Pin connector = TMRAC34P8, TMRAC42P8, etc.
Socket connector = TMRAC34S8, TMRAC42S8, etc.
The number “8” indicates special housing for use with the JTD Monojack hardware
(available on sizes 34, 42, and 50).
All dimensions for TMRAC housings are the
same as MRAC housings. All hoods, hardware,
and accesories used on the TMRAC Series are
the same as those used on the MRAC Series.
See MRAC Series section for part numbers and
dimensions. Note the TMRAC Series maximum
number of contacts is 50.
***
TMRAC Series
Ordering Information
Dimensions
RP /
22
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com