Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE Datasheet(PDF) 10 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 10 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 6Page - Winchester Electronics Corporation SLE Datasheet HTML 7Page - Winchester Electronics Corporation SLE Datasheet HTML 8Page - Winchester Electronics Corporation SLE Datasheet HTML 9Page - Winchester Electronics Corporation SLE Datasheet HTML 10Page - Winchester Electronics Corporation SLE Datasheet HTML 11Page - Winchester Electronics Corporation SLE Datasheet HTML 12Page - Winchester Electronics Corporation SLE Datasheet HTML 13Page - Winchester Electronics Corporation SLE Datasheet HTML 14Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
Omit steps not required
H
Guides
G*
Phosphor Bronze Cylindrical Guides
K
Beryllium Copper Cylindrical Guides
N*
Brass Cylindrical Guides
Guides are not recommended for Size 104
“P” indicates two guide pins or two jackscrews
(EX. JTCP)
“S” indicates two guide sockets or two jacksockets
(Ex. GS)
Jackscrew Locks
***J
Polarized Fixed Jackscrew and Jacksocket
JT
Polarized Short Turning Jackscrew and
Jacksocket
JTC
Polarized Long Turning Jackscrew and
Jacksocket
JTD
Polarized Long Turning Mono-Jackscrew and
Mono-Jacksocket for Sizes 34, 42, 50, 66,
75, and 104 only.
**JZ
Same as J but with 6-32 mtg. thd. (Std. on
104)
**JTW Same as JT but with knurled round knob
with internal hex (not avail. 104)
**JTU Same as JT but with knurled round knob
with screwdriver slot (not avail. 104)
**JTX Same as JT but with hex knob (not avail.
104)
**JTCW Same as JTC but with knurled round knob
with internal hex (not avail. 104)
**JTCU Same as JTC but with knurled round knob
with screwdriver slot (not avail. 104)
**JTCX Same as JTC but with hex knob (not avail.
104)
**JTCZ Same as JTC but with prybar knob (not
avail. 104)
* For passivated stainless steel add SS suffix.
** Request availablity information.
***Material: Nickel Plated Brass standard
GVL
■
Step 7
Special
Options:
Consult Sales
Department
Notes: 1. Contacts are ordered separately. See 100 Series contact section of Rack & Panel
2. When ordering molding less hardware and hood for use with JTD Monojacks, connectors
must be ordered as follows:
Pin connector = MRAC 34P8, MRAC 42P8, etc.
Socket connector = MRAC 34S8, MRAC 42S8, etc.
The number “8” indicates special housing for use with the JTD Monojack hardware
(available on sizes 34, 42, 50, 66, 75 and 104).
34
S
MRAC
■
Step 1
Series:
MRAC
MNAC
Numerical
contact
identification
on sizes 34,
50, and 104.
■
Step 3
Contact
Designation:
P - Pin
S - Socket
When ordering
moldings less
hardware to be
used with
monojacks, see
note 2 below.
■
Step 2
Number of
Contacts:
9, 14, 18, 20,
26, 34, 41,
42, 50, 66,
75, 104
See note 1
below.
■
Step 4
Guides and
Jackscrew
Locks:
(See bottom
Chart)
■
Step 5
Hoods:
H - Standard top opening.
Sizes 26 thru 104 only.
H1 - Standard side opening.
Available all sizes.
H8 - Large top opening.
Sizes 26 thru 104 only.
H9 - Large side opening.
Available all sizes.
H13 -Large top opening,
high hood. Sizes 9, 14,
18 & 20 only.
■
Step 6
Vibration Locks:
V -
Lock Tab
V2 - Lock Tab
(Size 50
& 75)
VL - Lever & Pivot
Ass’y
VL2 - Lever & Pivot
Ass’y (Size
50 & 75)
■
Step 4
***
Miniature Rectangular, Removable Contacts
l
MRAC Series
Ordering Information
RP /
10
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com