Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE Datasheet(PDF) 25 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 25 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 21Page - Winchester Electronics Corporation SLE Datasheet HTML 22Page - Winchester Electronics Corporation SLE Datasheet HTML 23Page - Winchester Electronics Corporation SLE Datasheet HTML 24Page - Winchester Electronics Corporation SLE Datasheet HTML 25Page - Winchester Electronics Corporation SLE Datasheet HTML 26Page - Winchester Electronics Corporation SLE Datasheet HTML 27Page - Winchester Electronics Corporation SLE Datasheet HTML 28Page - Winchester Electronics Corporation SLE Datasheet HTML 29Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 93 page
background image
The MRA Series offers compact, lightweight
and self-aligning plugs and receptacles with
unusually high current and voltage ratings for
their size. Performance tests show them to
well exceed military standards. Except for
contact size, the MRA and MRE Series share
the same hoods, hardware and accessories.
Right angle, dip solder, pin or socket contacts
are available. Consult factory.
Dimensions are for reference only and are
subject to change. Outline drawings on request.
Hood
Plug MRA 34P-G
Receptacle MRA 34S-G
Dielectric:
Gray glass filled diallyl
phthalate, per MIL-M-14,
SDG-F.
Polarization: Gold plated guides provide
polarization. Polarized nickel-
plated brass and/or passivated
stainless steel jackscrews with
anodized aluminum knobs
are available.
Hoods:
Anodized aluminum. May be
applied to either plug or
receptacle. Both top and side
opening hoods available.
Current Rating:13 amps
Number of
contacts:
9, 14, 20, 34, 41, 42, 50, 50-
8, 66, 75, 104
Pin Contacts: .062 diameter, gold plated
brass
Socket
Contacts:
Phosphor bronze, gold plated
Terminations: .070 dia. solder cup is
standard. Will accommodate
up to #16 AWG stranded
wire. Pin and Socket
contacts available with .030
diameter dip solder termina-
tions. Consult Sales Dept.
for lengths available.
Electrical Data:Meets high potential
performance of MIL-C-28748.
Military versions are QPL’d to
M28748/1 and M28748/2.
The minimum dielectric
withstanding voltage is one
minute electrification 1000
VAC, sea level.
RP /
25
www.winconn.com
Specifications
Miniature Rectangular / #16 Contacts / .062" Dia. / 13 Amps
MRA Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com