Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE Datasheet(PDF) 6 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 6 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 2Page - Winchester Electronics Corporation SLE Datasheet HTML 3Page - Winchester Electronics Corporation SLE Datasheet HTML 4Page - Winchester Electronics Corporation SLE Datasheet HTML 5Page - Winchester Electronics Corporation SLE Datasheet HTML 6Page - Winchester Electronics Corporation SLE Datasheet HTML 7Page - Winchester Electronics Corporation SLE Datasheet HTML 8Page - Winchester Electronics Corporation SLE Datasheet HTML 9Page - Winchester Electronics Corporation SLE Datasheet HTML 10Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 93 page
background image
C
Jacksocket
Jackscrew
4-40 UNC except size
104/6-32 UNC
6-32 UNC THD. except
size 104/8-32 UNC
D
.78
E
.16
Hood
Self Locking
Pin
Side Cable
Opening
F
Mono-
Jackscrew
Mono-
Jacksocket
052 Dia. Safety
Wire Hole
.16
Side Cable
Opening
A
B
Polarized jackscrews give the ease and
assurance of threaded positive coupling.
The actuating side consists of two turnable
screws, one male and one female, each with
knurled and slotted knobs. On the mating half
are the two fixed screws required to
complete the locking action. When mated,
the jackscrews may be locked with a safety
wire through the hole in the self-locking pin
(in the jackscrew shaft).
Connector with fixed Jackscrews
Code designation: J
AND
Mating connector half with turnable
Jackscrews-with-Knobs.
Code designation: JT
OR
Mating connector half with Hood and
turnable Long Jackscrews-with-
Knobs. Code designation: JTC H,
JTC H1
OR
Mating connector half with Hood and
turnable Monojacks.
Code designation: JTDH, JTDH1
New Monojacks Assemble and Disassemble With Remarkable Ease and Speed
To free the connector from the hood, simply
remove four screws. Monojacks may be used
on miniature rectangular connectors with from
34 to 104 contacts and with molds featuring
guide hole and two mounting holes on both
ends. Molds have 2 center thru holes and 4
mounting holes.
Dimension A
Dimension B
H H1H8 H9 H13 H H1 H8H9
MRAC 9
– .59
–
–
.59
–
–
–
– .80 1.31
– 2.41 –– 2.41 ––
–
–
MRAC 14
– .59
–
–
.59
–
–
–
– .80 1.31 – 2.41 –
– 2.41 –
–
–
–
MRAC 18
– .59
–
–
.59
–
–
–
– .80 1.31 – 2.41 –
– 2.41 –
–
–
–
MRAC 20
– .59
–
–
.59
–
–
–
– .80 1.31 – 2.41 –
– 2.41 –
–
–
–
MRAC 26 .80 .59 .59 .59
–
–
–
–
– .80 1.31 2.61 2.41 2.41 2.41 –
–
–
–
–
MRAC 34 .63 .63 .63 .63
–
.63 .63 .63 .63 .80 1.31 2.41 2.41 2.41 –
–
–
2.41 2.41 2.41
MRAC 41 .63 .63 –
–
–
–
–
–
– .80 1.31 2.41 2.41 –
–
–
–
–
–
–
MRAC 42 .58 .58 .58 .58
–
.58 .58 .58 .58 .80 1.31 2.41 2.41 2.41 –
– 2.41 2.41 2.41 2.41
MRAC 50 .58 .58 .58 .58
–
.58 .58 .58 .58 .80 1.31 2.41 2.41 2.41 –
– 2.41 2.41 2.41 2.41
MRAC 66 .69 –
– .69
–
.5
–
–
.5 .80 1.31 2.41 –
– 2.41 – 2.41
–
–
2.41
MRAC 75 .56 .56 .56 .56
–
.56 .56 .56 .56 .80 1.31 2.41 2.41 2.41 –
– 2.41 2.41 2.41 2.41
MRAC 104 .5
–
– .67
–
.5
–
–
.5 .80 1.52 3.42 –
– 3.42 – 3.25
–
–
3.25
Dimension E
Dimension F
H H1 H8 H9 H13 H H1 H8 H9
D
C
Connector
Size
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
MOLDINGS HAVE STRAIGHT THRU HOLES
MONOJACKS ARE CAPTIVATED IN KEYHOLE
SLOT OF HOOD AS SHOWN ABOVE. WHEN
USING SHELLS, MONOJACKS ARE CAPTIVATED
IN KEYHOLE OF SHELL AND CLEARANCE HOLES
ARE PLACED IN HOODS.
Miniature Rectangular, Removable Contacts
MRAC Series
Outline
Jackscrews & Jacksockets
Dimensions
RP /
6
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com