Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE Datasheet(PDF) 39 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 39 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 35Page - Winchester Electronics Corporation SLE Datasheet HTML 36Page - Winchester Electronics Corporation SLE Datasheet HTML 37Page - Winchester Electronics Corporation SLE Datasheet HTML 38Page - Winchester Electronics Corporation SLE Datasheet HTML 39Page - Winchester Electronics Corporation SLE Datasheet HTML 40Page - Winchester Electronics Corporation SLE Datasheet HTML 41Page - Winchester Electronics Corporation SLE Datasheet HTML 42Page - Winchester Electronics Corporation SLE Datasheet HTML 43Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
Dimension A
Dimension B
H H1 H8 H9 H H1 H8 H9
MRE 7
– .58 .58 –
–
–
–
–
.80
1.31
– 2.09 2.09 –––
–
–
MRE 8
–
.5 .5
.5
–
–
–
–
.80
1.31
– 2.02 2.02 2.02
–
–
–
–
MRE 9
– .59 .58 .59 –
–
–
–
.80
1.31
– 2.41 2.09 2.41
–
–
–
–
MRE 14
– .59 .58 .59 –
–
–
–
.80
1.31
– 2.41 1.84 2.41
–
–
–
–
MRE 18
– .59 .83 .59 –
–
–
–
.80
1.31
– 2.41 2.09 2.41
–
–
–
–
MRE 20
– .59 .58 .59 –
–
–
–
.80
1.31
– 2.41 1.84 2.41
–
–
–
–
MRE 21 .67 .59 .67 .59 –
–
–
–
.80
1.31 2.09 2.41 2.09 2.41
–
–
–
–
MRE 26 .81 .59 .59 .59 –
–
–
–
.80
1.31 2.61 2.41 2.41 2.41
–
–
–
–
MRE 34 .63 .63 .63 .63 .63 .63 .63 .63
.80
1.31 2.41 2.41 2.41 2.41 2.41 2.41 2.41 2.41
MRE 41 .63 .63 –
–
–
–
–
–
.80
1.31 2.41 2.41 –
–
–
–
–
–
MRE 42 .58 .58 .58 .58 .58 .58 .58 .58
.80
1.31 2.41 2.41 2.41 2.41 2.41 2.41 2.41 2.41
MRE 50 .58 .58 .58 .58 .58 .58 .58 .58
.80
1.31 2.41 2.41 2.41 2.41 2.41 2.41 2.41 2.41
MRE 75 .56 .56 .56 .56 .56 .56 .56 .56
.80
1.31 2.41 2.41 2.41 2.41 2.41 2.41 2.41 2.41
MRE 104 .67 –
– .67 .5
–
–
.5
.80
1.52 3.42 –
– 3.42 3.25
–
– 3.25
Connec-
tor Size
Dimen
C
Dimension E
Dimension F
H H1 H8 H9
H H1 H8 H9
Dimen
D
Connector with fixed
Jackscrews.
Code designation: J
Mating connector half
with turnable Jack-
screws-with-Knobs.
Code designation: JT
Mating connector half with Hood
and turnable Long Jackscrews-
with Knobs. Code designation:
JTCH, JTCH1
Mating connector half
with Hood and
turnable Monojacks.
Code designation:
JTDH, JTDH1
New Monojacks Assemble and Disassemble With Remarkable Ease and Speed
To free the connector from the hood simply
remove four screws. Monojacks may be used
on miniature rectangular connectors with from
34 to 104 contacts. Molds have 2 center thru
holes and 4 mounting holes.
MONOJACKS ARE CAPTIVATED IN KEYHOLE
SLOT OF HOOD AS SHOWN ABOVE.
WHEN USING SHELLS, MONOJACKS ARE
CAPTIVATED IN KEYHOLE OF SHELL AND
CLEARANCE HOLES ARE PLACED IN HOODS.
MOLDINGS HAVE STRAIGHT THRU HOLES
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
4-40 NC-2 THD.
EXCEPT SIZE 104
WHICH IS 6-32 NC 2
JACKSOCKET
JACKSCREW
AND
OR
OR
.98 For
Size 104
.78
6-32 UNC 2 THREAD
EXCEPT SIZE 104
WHICH IS 8-32 UNC 2
.16
HOOD
B
A
C
D
E
E
052 DIA SAFETY WIRE HOLE
SELFLOCKINGPIN
.16
The drawings show the extension of the jackscrew
knobs beyond a typical MRA connector and
beyond the connector-and-hood assembly (center
drawings). Dimensions given are constant for all
connectors except as noted. Other dimensions
applicable to various hood styles are detailed in
the chart.
Polarized jackscrews give the ease and
assurance of threaded positive coupling. The
actuating side consists of two turnable screws,
one male and one female, each with knurled and
slotted knobs. On the mating half are the two
fixed screws required to complete the locking
action. When mated, the jackscrews may be
locked with a safety wire through the hole in the
self-locking pin (in the jackscrew shaft).
MONO
JACKSCREW
MONO
JACKSOCKET
MRE Series
RP /
39
www.winconn.com
Jackscrews & Jacksockets
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com