Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE Datasheet(PDF) 3 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 3 Page - Winchester Electronics Corporation

  SLE Datasheet HTML 1Page - Winchester Electronics Corporation SLE Datasheet HTML 2Page - Winchester Electronics Corporation SLE Datasheet HTML 3Page - Winchester Electronics Corporation SLE Datasheet HTML 4Page - Winchester Electronics Corporation SLE Datasheet HTML 5Page - Winchester Electronics Corporation SLE Datasheet HTML 6Page - Winchester Electronics Corporation SLE Datasheet HTML 7Page - Winchester Electronics Corporation SLE Datasheet HTML 8Page - Winchester Electronics Corporation SLE Datasheet HTML 9Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 93 page
background image
.38
1.000
.81
4-40
UNC 2A
THD.
.27
.86
.37
.86
Slot
.038
Wide
.78
.27
.52
.13R
.44
.937
1.250
.86
4-40
UNC 2A
THD.
.86
.27
.37
.37
Slot
.038
Wide
.78
.27
MRAC 18S-G
MRAC 18P-G
MRAC 20S-G
MRAC 20P-G
MRAC 9S-G
MRAC 9P-G
MRAC 14S-G
MRAC 14P-G
.52
.78
.27
.37
Slot
.038
Wide
.86
.27
.37
.52
.86
4-40
UNC 2A
THD.
1.078
1.250
1.563
.44
.22
.56
1.000
1.313
.78
4-40
UNC 2A
THD.
.86
.37
Slot
.038
Wide
.78
.37
.27
.52
.86
.075
Typ.
1.313
.09R
.172
Typ.
.09R
.075
Typ.
.78
.09R
.075
Typ.
.13R
.27
.09R
.13R
.075
Typ.
.130 Typ.
.130 Typ.
.130 Typ.
Outline
possible for positive polarization and for
protection of contacts except for the MRAC
104 where the jackscrew locking device is
recommended.
Drawings and corresponding part numbers
show G type guide sockets. It is recom-
mended that guides be used wherever
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
Standard Guide
Pin mates with all types
Brass
For High Electrical
Conductivity Beryllium
Copper
Guide
Socket
Actual
Code Letter
Size Photo
How To Order: To obtain “K” or “N”
guides in place of the standard “G” type,
substitute the desired socket style code
letter (“K” or “N”) for “G” in both the Plug
and Receptacle Code Numbers.
For General Use
Phosphor Bronze
G*
K*
For Extra Mechanical
Strength Brass
N*
Plug
Recepticle No. of Wt. in Ozs.
Code
Code
Contactsw/o Contacts
No.
No.
Plug Rec.
MRAC9P
MRAC9S
9
.15
.17
MRAC14P MRAC14S
14
.17
.2
MRAC18P MRAC18S
18
.17
.2
MRAC20P MRAC20S
20
.17
.25
MRAC26P MRAC26S
26
.42
.67
MRAC34P MRAC34S
34
.42
.67
Plug
Recepticle No. of Wt. in Ozs.
Code
Code
Contactsw/o Contacts
No.
No.
Plug Rec.
MRAC41
MRAC41S
41
.5
.7
MRAC42P MRAC42S
42
.5
.7
MRAC50P MRAC50S
50
.6
.85
MRAC66P MRAC66S
66
.7
1.05
MRAC75P MRAC75S
75
.9
1.3
MRAC104P MRAC104S
104
1.2
1.78
Miniature Rectangular, Removable Contacts
MRAC Series
RP /
3
www.winconn.com
Physical Data
Guide Sockets
*For passivated stainless steel add SS suffix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com