Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE Datasheet(PDF) 73 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 73 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 69Page - Winchester Electronics Corporation SLE Datasheet HTML 70Page - Winchester Electronics Corporation SLE Datasheet HTML 71Page - Winchester Electronics Corporation SLE Datasheet HTML 72Page - Winchester Electronics Corporation SLE Datasheet HTML 73Page - Winchester Electronics Corporation SLE Datasheet HTML 74Page - Winchester Electronics Corporation SLE Datasheet HTML 75Page - Winchester Electronics Corporation SLE Datasheet HTML 76Page - Winchester Electronics Corporation SLE Datasheet HTML 77Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 93 page
background image
Electrical Data: Dielectric withstanding voltage
is one minute electrification at
1200 VAC.
Dielectric:
Diallyl Phthalate per MIL-M-14,
type SDG-F. Color Gray.
Polarization: Body design allows engage-
ment in only one position.
Mounting:
Either plug or receptacle may
be mounted on chassis or
bulkhead with 1/4 - 28 cadmium
plated brass nut. Add “
N” to
code number to order.
Hood:
Cable hood may be applied to
both plug and receptacle. Add
“
H” to code number. When
Current Rating: SM1 - 7.5 amps;
SM2, SM3 - 3 amps
No. of
Contacts:
1, 2, 3
Pin Contacts: SM1 - .040 dia.
brass, gold plated
SM2, SM3 - .025 dia.
brass, gold plated
Socket
Contacts:
Phosphor bronze, gold plated
Terminations: SM1 - .048 dia. solder cup
will accept up to #20 AWG
stranded wire.
SM2, SM3 - .037 dia. solder
cup will accept up to #24
AWG stranded wire.
N
Nylon Nut
SM2
Receptacle
SM2P
Plug
SMH
Hood
Extreme compactness and lightweight of
these subminiature connectors make them
ideal for limited space application in Aircraft.
Portable Equipment and Instrumentation.
Current Rating
Weight in Ounces
* Wire Range
P.
R.
SM1 - 7.5 Amp
.02
.02
SM1 - #20
SM2 - 3 Amp
.02
.02
SM2 - #24
SM3 - 3 Amp
.02
.02
SM3 - #24
* Stranded
PHYSICAL AND
ELECTRICAL DATA
ordering a hood separately,
order P/N SMH.
SM Series
Sub Miniature / #20 - #24 Contacts / 3 And 7.5 Amps
RP /
73
www.winconn.com
Specifications
Physical and Electrical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com