Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE Datasheet(PDF) 35 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 35 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 31Page - Winchester Electronics Corporation SLE Datasheet HTML 32Page - Winchester Electronics Corporation SLE Datasheet HTML 33Page - Winchester Electronics Corporation SLE Datasheet HTML 34Page - Winchester Electronics Corporation SLE Datasheet HTML 35Page - Winchester Electronics Corporation SLE Datasheet HTML 36Page - Winchester Electronics Corporation SLE Datasheet HTML 37Page - Winchester Electronics Corporation SLE Datasheet HTML 38Page - Winchester Electronics Corporation SLE Datasheet HTML 39Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 93 page
background image
Dip Solder
For mounting on printed circuit boards, .025
diameter straight dip solder terminations (for
Pin Contacts and Socket Contacts) are
available. Consult the Sales Department for
available lengths.
Solder Cup
.048 diameter solder cup is the standard
termination for cable and panel mounting
applications. It will accept up to #20 AWG
stranded wire.
3 Types of Guide Sockets are Available
G Type
For General Use
Phosphor
Guide
Socket
Application
Actual
Code Letter
Size Photo
K Type For High
Electrical Conductivity
Beryllium Copper
The “K” guide socket is an excellent electrical conductor.
Its extra spring-tension provides a high normal force
uniformily distributed along the surface of the engaged
pilot guide, thus minimizing electrical resistance.
The multivolt drop across extreme ends of the engaged
pilot and socket guide is 10 mv. at 20 amps.
The “G” type socket is the standard guide supplied. It
has good physical strength and may be used electrically
in a low current circuit or as a contact for ground leads.
The high physical strength of the “N” guide socket allows
a greater degree of forcible tightening against a mounting
surface than is permitted by the other guide sockets. This
feature is particularly desirable for mounting connectors
which will be subject to severe vibration in service. “N”
guides are not to be used electrically.
N Type For extra
Mechanical Strength
Brass
Standard Guide
Pin mates with all types
Brass
G*
K*
N*
Plug
Winchester
Electronics
Code No.
7
MRE 7P-G
MRE 7S-G
7
none
.3
.3
8
MRE 8P-N
MRE 8S-N
8
none
.2
.2
9
MRE 9P-G
MRE 9S-G
9
none
.3
.3
11
MRE 11 P-G MRE 11S-G
11
none
.3
.3
14
MRE14P-G
MRE 14S-G
14
none
.3
.3
18
MRE 18P-G MRE 18S-G
18
none
.4
.4
20
MRE 20P-G MRE 20S-G
20
none
.5
.4
21
MRE 21P-G MRE 21S-G
21
none
.5
.5
Rec.
Plug
Weight
Oz.
No.
Standard
Contacts,
10 Amps
(.052 dia.
solder cup
for #18
AWG)
Recept.
Winchester
Electronics
Code No.
Total
No. of
Contacts
Plug
Winchester
Electronics
Code No.
Rec.
Plug
Weight
Oz.
No.
Standard
Contacts,
10 Amps
(.052 dia.
solder cup
for #18
AWG)
Recept.
Winchester
Electronics
Code No.
Total
No. of
Contacts
26
MRE 26P-G
MRE 26S-G
26
none
.6
.5
34
MRE 34P-G
MRE 34S-G
34
none
.8
.7
41
MRE 41P-G
MRE 41S-G
41
none
.8
.6
42
MRE 42P-G
MRE 42S-G
42
none
.9
.8
50
MRE 50P-G
MRE 50S-G
50
none
1.0
.9
75
MRE 75 P-G MRE 75S-G
75
none
1.5
1.3
104
MRE 104P-JT MRE 104S-G
104
none
3.3
2.2
No.
Standard
Contacts,
7.5 Amps
(.048 dia.
solder cup
for #20
AWG)
No.
Standard
Contacts,
7.5 Amps
(.048 dia.
solder cup
for #20
AWG)
HOW TO ORDER: To obtain “K” or “N”
guides in place of the standard “G” type,
substitute the desired socket style code
letter (“K” or “N”) for “G” in both the Plug
and Receptacle Code Numbers.
(See Code Numbers in table at right.
* For passivated stainless steel add SS suffix
MRE Series
RP /
35
www.winconn.com
Termination Types
Guide Forms
Physical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com