Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE Datasheet(PDF) 42 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 42 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 38Page - Winchester Electronics Corporation SLE Datasheet HTML 39Page - Winchester Electronics Corporation SLE Datasheet HTML 40Page - Winchester Electronics Corporation SLE Datasheet HTML 41Page - Winchester Electronics Corporation SLE Datasheet HTML 42Page - Winchester Electronics Corporation SLE Datasheet HTML 43Page - Winchester Electronics Corporation SLE Datasheet HTML 44Page - Winchester Electronics Corporation SLE Datasheet HTML 45Page - Winchester Electronics Corporation SLE Datasheet HTML 46Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 93 page
background image
Lever
& Pilot
Assembly
MRE-VL
MRE-VL2
Lock Tabs
(See Note)
MRE-V
MRE-V2
Used on
Connectors
MRA 9, 14, 20,
34, 41, 42, 66
MRE 50,75
Note: When panel mounting the lock-tab half of a MRE 34, MRE 42 or MRE 50 and MRE 66 connector, flat washers
(.033 minimum thickness) should be used on the mounting screws to shim the molding away from the panel.
Code No.
DIMENSIONS
AB
C
D
E F G
H
MRE 50B 1.06 .688 3.031 3.44 .13 .28 .78
MRE 75B 1.48 1.047 3.062 3.56 .14 .30 1.14
.128 Dia 3 Holes
(No. 4 Mounting
Screw)
.150 Dia 3 Holes
(No. 6 Mounting
Screw)
Wt.
Oz.
.4
.6
Potting Form Fig.
Code No.
A
B
MRE 7 FM
3
.62
.43
MRE 8 FM
2
.46
.43
MRE 9 FM
3
.77
.43
MRE 14 FM
2
.93
.49
MRE 18 FM
2
.87
.61
MRE 20 FM
2
1.12
.49
MRE 21 FM
3
1.68
.43
MRE 26 FM
2
1.18
.61
MRE 34 FM
1
1.38
.80
MRE 41 FM
2
2.18
.49
MRE 42 FM
1
1.69
.80
MRE 50 FM
1
1.97
.80
MRE 75 FM
1
1.98
1.16
Dimensions
Lock Tabs (MRE-V shown)
Lever & Pivot Assemblies (MRE-VL shown)
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
Each form matches the back opening contour
of its appropriate shell, and stays easily in
place during the potting operation. Of
negligible weight, it need not be removed from
the connector after potting. Because of
floating contacts, connector halves should
always be engaged during the potting
operation to preserve contact alignment.
are provided for safety wiring. Vibration
locks are available separately for assembly
on connectors now in service. Each code
number indicates two units: two levers with
two pivots, and two lock tabs.
*US Patent Number 2760174
Vibration Locks*
Vibration locks offer simplicity of design and
positive locking in excess of 50G shock impact
and 10G vibration acceleration. Mating halves
automatically lock when engaged. To unlock,
depress the levers. Drilled holes in the levers
Figure 1
Figure 2
Figure 3
A
A
A
B
B
B
.50 .63
.50 .63
.50 .63
H
A
B
C
D
E
F
G
2.625
.11R Panel
Opening
MRE 50 and MRE 75 connectors use
the standard MRE 50 and MRE 75
mounting brackets
MRE Series
Hoods - Locking
Dimensions / Outline Mounting Brackets
Dimensions / Outline Pre-Shaped Nylon Potting Forms
RP /
42
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com