Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5961ACCZ-R2 Datasheet(PDF) 28 Page - Analog Devices

Part # ADL5961ACCZ-R2
Description  9 kHz to 26.5 GHz Integrated Vector Network Analyzer Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5961ACCZ-R2 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADL5961ACCZ-R2 Datasheet HTML 24Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 25Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 26Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 27Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 28Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 29Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 30Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 31Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Data Sheet
ADL5961
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 28 of 34
Multiply by 2 Mode (LOMODE = 2)
The LO signal is passed through a frequency doubler, a program-
mable band-pass filter, and an offset mixer to the downconversion
mixers. The band-pass filter suppresses the subharmonics in the
doubler output signal and can be tuned by programming the CT2
bits in Register 0x21, Bits[4:0]. Table 8 lists the recommended
setting for different 2× fLO ranges. All CT2 settings are valid. For
CT2 settings not shown in Table 8, for example CT2 = 2, CT2 = 5,
…, CT2 = 30, the minimum and maximum 2× fLO can be linearly
interpolated based on the table entries shown in Table 8. The
multiply by 2 mode can be used as a standalone or in combination
with the offset frequency interface.
Table 8. Recommended CT2 Band-Pass Filter Settings for LOMODE = 2
CT2
Minimum 2× fLO (GHz)
Maximum 2× fLO (GHz)
0
15
20
1
14
15
3
11
14
4
10
12
6
9
10
8
8
9
12
7
8
15
6
7
22
5
6
31
4
5
Multiply by 4 Mode (LOMODE = 3)
The LO signal is passed first through a frequency doubler, followed
by the band-pass filter tuned through the CT2 bits (Register 0x21,
Bits[4:0]), through a second frequency doubler, and followed by
a second band-pass filter tuned through the CT4 bits in Register
0x22, Bits[3:0]. The signal is then passed through the offset mixer
to the downconversion mixers. Table 9 lists the recommended
setting for different 4× fLO ranges; however, this list is not exhaus-
tive. Other valid combinations exist that result in frequency ranges
partially or entirely overlapping with the recommended settings.
This mode can be used as a standalone or in combination with the
offset frequency interface.
Table 9. Recommended CT2/CT4 Band-Pass Filter Settings for LOMODE = 3
CT2
CT4
Minimum 4× fLO (GHz)
Maximum 4× fLO (GHz)
<5
<12
>20
>21
5
12
20
21
6
13
19
20
7
14
17
19
12
15
14
17
IF SIGNAL PATH CONFIGURATION
The IF signal path following the downconversion mixers can be
configured to optimize the output signal dynamic range and to
achieve optimal interfacing to a wide range of ADCs.
Two cascaded LPFs provide programmable IF bandwidth for sup-
pression of out of band noise and spurious tones. The first filter
provides coarse bandwidth adjustment through the CIF1 bits in
Register 0x25, Bits[3:0], as listed in Table 10 and shown in
Figure 22.
Table 10. IF −3 dB Bandwidth vs. CIF1 with CIF2 = 0
CIF1
f−3dB (MHz)
0
126
1
64.0
2
41.0
3
30.1
4
24.1
5
19.7
6
16.7
7
14.5
8
13.0
9
11.6
10
10.5
11
9.5
12
8.8
13
8.1
14
7.6
15
7.0
The second filter provides finely spaced lower bandwidth settings
programmable through the CIF2 bits in Register 0x25, Bits[7:4],
listed in Table 11 and shown in Figure 25. Both output channels are
programmed to the same IF bandwidth.
Table 11. IF −3 dB Bandwidth vs. CIF2 with CIF1 = 0
CIF2
f−3dB (MHz)
0
126
1
11.1
2
5.9
3
3.8
4
3.1
5
2.3
6
2
7
1.6
8
1.5
9
1.3
10
1.2
11
1.0
12
0.99
13
0.86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com