Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5961ACCZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5961ACCZ-R2
Description  9 kHz to 26.5 GHz Integrated Vector Network Analyzer Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5961ACCZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5961ACCZ-R2 Datasheet HTML 16Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 17Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 18Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 19Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 20Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 21Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 22Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 23Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Data Sheet
ADL5961
THEORY OF OPERATION
analog.com
Rev. 0 | 20 of 34
MULTIPORT VNA
The ADL5961 can also be used to create VNAs consisting of
multiple ports, as shown in Figure 54. Each port connects to one
ADL5961, and RF switches route the RF signal to one ADL5961 at
a time. For optimum phase (and magnitude) accuracy, ensure that
the connections from the RF source to all ports are equal in length.
Furthermore, always terminate the RFIN ports of the ADL5961
devices with 50 Ω, that is, when the RF source is connected
but also when the RF source is not connected to the port. To
achieve this, use an SPxT nonreflective switch with the RF source
connected to the pole. For VNAs with many ports, a cascade of
nonreflective (terminated) RF switches can be used at the expense
of larger insertion loss and potentially increased frequency tilt. Note
that the connections to the RF source as drawn in Figure 54 are
simplified and do not by any means follow the recommendations for
an optimal layout of the system.
Phase synchronization between the ADL5961 devices is achieved
through the LO and offset frequency signals. For optimal accuracy,
match the propagation delays from the LO source to each of the
ADL5961 devices. Residual delay differences can be addressed
through calibration procedures for the VNA system. Routing of the
signal lines to the offset interface is less critical because these lines
operate at much lower frequencies.
The SYNC interface is used to force the LO and offset dividers
in all ADL5961 devices to the same known initial state, such that
no phase ambiguities exist between the devices. A single pulse
applied to this input after power-on is sufficient to synchronize
all devices. Perform this synchronization before an LO signal is
applied. In this case, the timing of the SYNC pulse is not critical.
For optimal accuracy, simultaneous sampling of all ADL5961 IF
channels is recommended. For high port counts, a multichannel
simultaneous sampling ADC can significantly reduce the solution
footprint. Some of these multichannel devices include built-in digital
downconversion (DDC) and decimation filters, which reduce the
amount of processing required in a digital signal processor (DSP).
The performance of the system can further be enhanced by insert-
ing a programmable RF filter in the RF path to filter any harmonic
content of the RF source and a programmable attenuator to com-
pensate for the tilt vs. frequency introduced by any filters, switches,
and transmission lines.
Figure 54. Multiport VNA-Based on the ADL5961 (IFR Is IF Reverse, and IFF Is IF Forward)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com