Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5961ACCZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5961ACCZ-R2
Description  9 kHz to 26.5 GHz Integrated Vector Network Analyzer Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5961ACCZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5961ACCZ-R2 Datasheet HTML 18Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 19Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 20Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 21Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 22Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 23Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 24Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 25Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Data Sheet
ADL5961
THEORY OF OPERATION
analog.com
Rev. 0 | 22 of 34
One-Port Calibration
The calibration procedure for a one-port S-parameter measure-
ment can be explained using the flow diagram in Figure 56
(see also D. K. Rytting, "Network Analyzer Accuracy Overview,"
58th ARFTG Conference Digest, 2001, pp. 1-13, doi: 10.1109/
ARFTG.2001.327486). The directional coupler and error model
together describe the operation of a practical VNA. The incident
wave, a0, and reflected wave, b0, represent the forward and reverse
power measured by the VNA. When using the ADL5961, these
vectors are obtained from the IF outputs, IFFx and IFRx. The
actual power incident on the load is represented by a1, whereas
b1 represents the actual power reflected by the load. An error-free
VNA measures a1 and b1.
Figure 56. Error Model for One-Port S-Parameter Measurements
The flow diagram provides a more detailed description of the
various error contributions that cause the measured reflection coef-
ficient,
ΓM=b0/a0,todifferfromtheactualreflectioncoefficient,
Γ=b1/a1.Thefactor,e11,representsimpedancemismatchof
the VNA port (from 50 Ω). A fraction of b1 is reflected back to the
load. The e01 and e10 factors represent the tracking error. In relation
to the ADL5961, the tracking error comprises insertion loss of the
bridge, the conversion gain from RFIN to IFFx and RFOUT to IFRx,
as well as the mismatch in conversion gain between the channels.
Finally, e00 represents the finite directivity of a practical VNA, a
measure for the ability to separate the forward and reverse traveling
power waves. If the load is a perfect 50 Ω, then b1 = 0 and an ideal
VNA measures b0 = 0. However, in a practical VNA, the directivity
is finite and some signal leaks from the forward path to the reverse
path.
Using Figure 56, the measured reflection coefficient can be ex-
pressed in terms of the error coefficients and the reflection coeffi-
cient of the load as follows:
ΓM=e00+ e01e101−Γe11Γ
(7)
Equation 7 can be rearranged into a linear expression for the error
coefficients as follows:
e00−ΔeΓ+e11ΓM=ΓM
Δe=e00e11−e01e10
(8)
A calibration procedure that measures three different known loads,
that is, collects three combinations of measured and actual reflec-
tion coefficients, can then be used to calculate the error coefficients
as follows:
1−Γ1ΓM1
1−Γ2ΓM2
1−Γ3ΓM3T
e00Δee11
e =
ΓM1ΓM2ΓM3
ΓM
e=T−1ΓM
(9)
After the system is calibrated, the corrected reflection coefficient
can be calculated from the measured coefficient by rearranging
Equation 7:
Γ= ΓM−e00
e11ΓM−Δe
(10)
Although in principle any combination of sufficiently different stand-
ards can be used to calibrate the system, a combination of a short,
an open, and a 50 Ω load are by far the most common choice. Note
that the procedure outlined in Equation 9 needs to be repeated at
every frequency point of interest.
Two-Port Calibration
The calibration procedure for a two-port S-parameter measurement
can be explained using Figure 57. The VNA is modeled by Port 0,
Port 2, and the error model. As a result of the hardware errors in
the system, the measured S-parameters at Port 0 differ from the
actual DUT S-parameters observed at Port 1, and the S-parameters
measured at Port 2 differ from the DUT S-parameters at Port 3. As
long as the error contributions scale linearly with power, the incident
and reflected waves at Port 0 and Port 2 can be related to those at
Port 1 and Port 3 using the block matrix that follows:
b0a0b2
a2 =
T01T03
T21T23
b1a1b3
a3
(11)
Figure 57. Error Model for Two-Port S-Parameter Measurements
Each of the matrix elements, T in Equation 11, is a 2 × 2 matrix that
describes the interaction between one VNA port and one DUT port,
resulting in a total of 16 unknown error coefficients. A wide range of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com