Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5961ACCZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5961ACCZ-R2
Description  9 kHz to 26.5 GHz Integrated Vector Network Analyzer Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5961ACCZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5961ACCZ-R2 Datasheet HTML 4Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 5Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 6Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 7Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 8Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 9Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 10Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 11Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Data Sheet
ADL5961
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 8 of 34
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
AVCC
Analog Positive Power Supply Pin. Bypass by placing 1 nF and 4.7 μF capacitors as closely as possible to the AVCC pin. On power-up,
apply the AVCC voltage before the OVDD voltage. On power-down, remove the OVDD voltage before the AVCC voltage.
2, 4, 18, 20
AGND
Analog Ground Pins. All ground pins are internally connected. Use Pin 2 and Pin 4 as the RF return ground for the RFIN transmission line
(Pin 3). Use Pin 18 and Pin 20 as the RF return ground for the RFOUT transmission line (Pin 19).
3, 19
RFIN, RFOUT
RF Input and Output of the Primary Transmission Line. RFIN and RFOUT have a 50 Ω load characteristic impedance. DC-blocking
capacitors are required to source and load. When using open and short terminations, do not exceed the maximum power dissipation
ratings.
5
CAP
Bypass Capacitor. A 100 nF capacitor is recommended for 100 kHz operation.
6, 7, 15, 16
IFFM, IFFP,
IFRP, IFRM
Differential IF Outputs. Pin 6 and Pin 7 are coupled to the forward power transfer (from RFIN to RFOUT). Pin 15 and Pin 16 are coupled to
the reverse power transfer (from RFOUT to RFIN).
8, 14
OVCC
IF Amplifier Positive Power Supply Pin. Bypass OVCC with a 1 nF and a 4.7 μF capacitor on each pin before connecting to AVCC. Place
the capacitors as closely as possible to OVCC. On power-up, apply the OVCC voltage before the OVDD voltage. On power-down, remove
the OVDD voltage before the OVCC voltage.
9, 10
LOP, LOM
Downconversion Mixer LO Inputs. LOP and LOM are internally terminated with a 100 Ω differential. A differential or single-ended signal
source can drive the LOP and LOM pins. Register 0x20 configures the LO interface. DC-blocking capacitors are recommended for the LO
interface.
11
SYNC
Synchronization Input. This complementary metal-oxide semiconductor (CMOS) input pin stops the dividers in the LO and IF input
interfaces when driven high and initiates synchronization when driven back low. If left floating, an internal 415 kΩ pull-down resistor
disables the SYNC function.
12, 13
OFP, OFM
IF Offset Reference Frequency Inputs. The OFP and OFM pins set the center frequency at the IF outputs when the OFMODE bits
(Bits[3:2]) in Register 0x20 equal 0x0, 0x1, or 0x2. Setting the OFMODE bits to 0x3 disables this input.
17
VCM
IF Output Common-Mode Voltage Control. The VCM pin sets the output common-mode voltage at IFFM, IFFP, IFRP, and IFRM. Floats to
OVCC/2 if left open.
21
TEMP
Temperature Sensing Diode. The TEMP pin connects to the anode of an on-chip junction diode. TEMP can be used to measure the die
temperature by measuring the voltage at this pin, while forcing a known current into the pin.
22
OVDD
SPI Positive Power Supply Pin. Connect the OVDD pin to the power supply of the SPI controller to avoid the need of voltage level
translators in the SPI bus connections. On power-up, apply the AVCC and OVCC voltages before the OVDD voltage. On power-down,
remove the OVDD voltage before the AVCC and OVCC voltages.
23
SDIO
SPI Data Input and Output. If the SDIO pin is floating, an internal 415 kΩ pull-down resistor pulls SDIO to logic low.
24
CS
SPI Chip Select (Active Low). If the CS pin is floating, an internal 415 kΩ pull-up resistor ties the pin to OVDD.
25
SCK
SPI Clock Input. If SCK is left floating, an internal 415 kΩ pull-down resistor pulls SCK to logic low.
26
EN
Chip Enable. A logic high at the EN pin enables the chip. A logic low at the EN pin shuts down the ADL5961. If EN is left floating, an
internal 415 kΩ pull-down resistor disables the ADL5961.
EPAD
Exposed Pad. The exposed pad (EPAD) on the underside of the device is also internally connected to ground and requires good thermal
and electrical connection to the ground of the PCB. Connect all ground pins to a low impedance ground plane together with the EPAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com