Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5961ACCZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5961ACCZ-R2
Description  9 kHz to 26.5 GHz Integrated Vector Network Analyzer Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5961ACCZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADL5961ACCZ-R2 Datasheet HTML 1Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 2Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 3Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 4Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 5Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 6Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 7Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 8Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Data Sheet
ADL5961
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 34
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 3
Serial Interface Timing Specifications................ 5
Absolute Maximum Ratings...................................7
Thermal Resistance........................................... 7
Electrostatic Discharge (ESD) Rating................ 7
ESD Caution.......................................................7
Pin Configuration and Function Descriptions........ 8
Typical Performance Characteristics..................... 9
Theory of Operation.............................................18
Basic One-Port VNA.........................................18
Frequency Planning—LO Configurations.........18
Offset Frequency Interface...............................19
IF Signal Path...................................................19
Multiport VNA................................................... 20
Calibration and Error Correction.......................21
Applications Information...................................... 25
Interface Descriptions.......................................25
LO Interface Configuration............................... 27
IF Signal Path Configuration............................ 28
Serial Peripheral Interface................................... 30
Protocol............................................................ 30
Register Address..............................................30
Read and Write Methods..................................30
Register Details................................................ 30
Typical Application Test Circuit............................ 33
Outline Dimensions............................................. 34
Ordering Guide.................................................34
Evaluation Boards............................................ 34
REVISION HISTORY
10/2024—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com