Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5961ACCZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5961ACCZ-R2
Description  9 kHz to 26.5 GHz Integrated Vector Network Analyzer Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5961ACCZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5961ACCZ-R2 Datasheet HTML 15Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 16Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 17Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 18Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 19Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 20Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 21Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 22Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Data Sheet
ADL5961
THEORY OF OPERATION
analog.com
Rev. 0 | 19 of 34
frequency offset of a few MHz between RF and LO up to 26.5 GHz
signal frequencies.
The frequency divider and frequency multipliers integrated into
the LO interface of the ADL5961 enable measurement sweeps
beyond the frequency range supported by the LO source itself,
typically a frequency synthesizer. When Bit 4 in Register 0x20 is
cleared (disabling bypass mode), the LOMODE bits (Register 0x20,
Bits[1:0]) can be used to program the LO multiplication factor, MLO
as shown in the following equation:
MLO=2LOMODE−1
(2)
That is, divide by 2, or multiply by 1, 2, or 4. To ensure that
the desired output signal downconverts at the desired IF output
frequency, fIF, the frequency supplied to the LO interface must meet
the following condition:
fLO= fRF±fIF/MLO
(3)
Note, as previously detailed in Table 1, that the divide-by-2 mode
can only be used for LO input frequencies up to 2.4 GHz, whereas
the doubler and quadrupler modes only operate from 2 GHz to
8 GHz and from 4 GHz to 8 GHz, respectively. The LO interface
also contains high-frequency filters that suppress the harmonics
and subharmonics in the multiplier outputs. The center frequency
of these filters can be programmed through Register 0x21 and
Register 0x22.
OFFSET FREQUENCY INTERFACE
Further simplification of the VNA configuration can be achieved
by employing the differential offset frequency interface. In this
configuration, a single swept source can be used to drive the RF
and LO interfaces at the same frequency (zero frequency offset),
while the IF output frequency is set by the signal applied to the
offset frequency interface. To enable the offset mixer, clear Bit 4
in Register 0x20 and program the OFMODE bits in Bits[3:2] in
Register 0x20. The offset frequency input interface, when enabled,
contains a programmable divider with ratios of 1, 2, or 4. The
multiplication factor, MOF, is as shown in Table 7.
Table 7. Offset Input Configuration
Register 0x20, BIts[3:2], OFMODE
Divide by
MOF
00
1
1
01
2
0.5
10 (Default)
4
0.25
11
Dividers off
Not applicable
The IF output signal frequency, including the offset mixer, is repre-
sented as follows:
fIF=fRF−MLO×fLO+MOF×fOF
(4)
For a true zero-offset sweep, the LO frequency, therefore, must
satisfy the following:
fLO=fRF/MLO
(5)
such that the first two terms of Equation 4 cancel out, and the IF
output frequency equals the following:
fIF=MOF×fOF
(6)
The MOF = 1/4 (OFMODE = 2) setting is particularly useful and
is the recommended OFMODE setting. When the offset frequency
interface is driven by the ADC sample clock frequency, fS, it centers
precisely the IF output signal in the first Nyquist zone of the
ADC, with 4× domain sample points per completed cycle of the IF
waveform. In this mode, the discrete time nature of the IF waveform
becomes evident due to the divide by 4 digital dividing of the offset
input.
IF SIGNAL PATH
The IF output signal of the mixers is passed through LPFs to
remove unwanted mixing products and noise. The bandwidth of
these filters is SPI-programmable through Register 0x25. The same
bandwidth setting is applied to both ADL5961 IF channels.
The IF amplifiers that follow the LPFs have individually SPI-pro-
grammable gain, adjustable in 6 dB steps. This programmable
gain enables optimal interfacing of both channels to the ADC input
dynamic range.
The IF output interfaces of the ADL5961 are suited to drive a wide
range of ADCs directly. To avoid aliasing of broadband noise, it
is recommended to insert a simple antialiasing filter as shown in
Figure 53.
Figure 53. Interfacing the ADL5961 to an ADC
Each of the differential IF output nodes are low source impedance.
For this reason, it is recommended to use series resistors when
necessary, such as for driving filters or highly capacitive loads or
cables, as shown on the test circuit (see Figure 72).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com