Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5961ACCZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5961ACCZ-R2
Description  9 kHz to 26.5 GHz Integrated Vector Network Analyzer Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5961ACCZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADL5961ACCZ-R2 Datasheet HTML 1Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 2Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 3Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 4Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 5Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 6Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 7Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 8Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Data Sheet
ADL5961
9 kHz to 26.5 GHz Integrated Vector Network Analyzer Front End
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Wideband integrated bidirectional bridge
►
Raw directivity: 35.6 dB at 1 GHz, 16.7 dB at 18 GHz
►
Low insertion loss: 1.1 dB at 1 GHz, 2.0 dB at 18 GHz
►
Return loss: >12 dB typical
►
SPI configurable LO interface
►
Divide by 2; multiply by 1, 2, or 4
►
Offset LO interface enables drive with fRF = fLO
►
Single-ended or differential drive
►
SYNC function—synchronization across multiple devices
►
High dynamic range wideband IF signal path
►
SPI-programmable IF bandwidth from 1 MHz to 100 MHz
►
SPI-programmable IF gain, 6 dB step size
►
Externally adjustable output common-mode level
►
5-bit SPI readable temperature sensor
►
Low power shutdown mode
►
3 mm × 4 mm, 26-lead LGA
APPLICATIONS
►
Broadband, multiport vector network analyzers
►
S-parameter magnitude and phase measurement
►
Inline RF power measurement
►
Automated test equipment
►
Reflectometers
►
Materials analysis
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADL5961 is a wideband, small form factor, vector network ana-
lyzer (VNA) front end consisting of a resistive bidirectional bridge,
downconversion mixers, programmable IF amplifiers and filters, and
a highly flexible local oscillator (LO) interface. The bridge provides
>14 dB of directivity up to 17 GHz. The primary transmission line
from RFIN to RFOUT is wideband matched to 50 Ω with only 1.1 dB
loss at 9 kHz near DC, increasing to 1.8 dB loss at 26.5 GHz.
The ADL5961 supports several different LO interface configurations
that simplify the clocking design of a VNA solution as well as the
interfacing of the device to an analog-to-digital converter (ADC).
The frequency divider and multipliers in the LO interface enable
measurement sweeps beyond the operating frequency range of the
LO source, enabling operation over the full 26.5 GHz frequency
range of the ADL5961 using a 6 GHz synthesizer. The IF frequency
offset mixer, driven through the offset interface formed by the
OFP and OFM pins, enables further simplification by allowing the
swept RF and LO interfaces to share the same frequency source.
The frequency of the IF output signals is then determined by the
low-frequency source driving the OFP/OFM interface. When this
interface is driven at the ADC sample frequency with the divide by
4 enabled, it automatically centers the IF output signal in the first
Nyquist zone.
The IF filters with programmable bandwidth and IF amplifiers
with individually programmable gain enable simultaneous dynamic
range optimization of the IF output signals of the forward channel
(IFFP, IFFM) and reverse channel (IFRP, IFRM). The IF amplifiers
have an adjustable output common-mode level, sufficient drive
capability, and wide output voltage swing to enable direct interfacing
to a wide range of ADCs.
All configurations and functions in the ADL5961 are fully program-
mable through a 3-wire serial peripheral interface (SPI). The
ADL5961 is offered in a 3 mm × 4 mm, 26-lead land grid array
(LGA) package.


Similar Part No. - ADL5961ACCZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5960 AD-ADL5960 Datasheet
275Kb / 11P
10 MHz to 20 GHz, Integrated Vector Network Analyzer Front-End
ADL5960 AD-ADL5960 Datasheet
2Mb / 32P
10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
Rev. A
ADL5960-EVALZ AD-ADL5960-EVALZ Datasheet
2Mb / 32P
10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
Rev. A
ADL5960-KIT-EVALZ AD-ADL5960-KIT-EVALZ Datasheet
2Mb / 32P
10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
Rev. A
ADL5960ACCZ AD-ADL5960ACCZ Datasheet
2Mb / 32P
10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
Rev. A
More results

Similar Description - ADL5961ACCZ-R2

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
2395A AEROFLEX-2395A Datasheet
357Kb / 8P
9 kHz to 26.5 GHz Spectrum Analyzer
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
M9485A PXIe Multiport Vector Network Analyzer
N9923A KEYSIGHT-N9923A Datasheet
2Mb / 18P
N9923A FieldFox RF Vector Network Analyzer
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
Vector Network Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
M9309A PXIe Vector Network Analyzer Synthesizer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
M9485A PXIe Multiport Vector Network Analyzer
logo
Analog Devices
ADL5960 AD-ADL5960 Datasheet
275Kb / 11P
10 MHz to 20 GHz, Integrated Vector Network Analyzer Front-End
logo
Mini-Circuits
EVNA-63+ MINI-EVNA-63+ Datasheet
1Mb / 16P
Vector Network Analyzer
REV. A
logo
Analog Devices
ADL5960 AD-ADL5960_V01 Datasheet
2Mb / 32P
10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com