Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5961ACCZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5961ACCZ-R2
Description  9 kHz to 26.5 GHz Integrated Vector Network Analyzer Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5961ACCZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5961ACCZ-R2 Datasheet HTML 3Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 4Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 5Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 6Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 7Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 8Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 9Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 10Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Data Sheet
ADL5961
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 7 of 34
Table 3. Absolute Maximum Ratings
Parameter
Rating
Supply Voltage (AVCC and OVCC)
5.5 V
RFIN, RFOUT Input AC Power
Average1
30 dBm
Peak1
35 dBm
DC Voltage
OVDD
−0.3 V to +3.8 V
SCK, CS, and SDIO
−0.3 V to OVDD + 0.3 V
IFFP, IFFM, IFRP, IFRM2
−0.3 V to OVCC + 0.3 V
Any Other Pin3
−0.3 V to AVCC + 0.3 V
DC Current RFIN to or from RFOUT
100 mA
Temperature
Maximum TJ
150°C
TA Operating Range
−40°C to +105°C
Storage Range
−65°C to +150°C
1 Not production tested. Guaranteed by design and correlation to production
tested parameters. Peak power duty cycle is 10% maximum.
2 The voltage on these pins must not exceed 5.5 V, OVCC + 0.3 V, or be less
than –0.3 V.
3 The voltage on these pins must not exceed 5.5 V, AVCC + 0.3 V, or be less
than –0.3 V.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and operating
environment. Careful attention to PCB thermal design is required.
Table 4. Thermal Resistance
Package
Type1
θJA2
θJB3
θJCT4
θJCB5
ΨJT6
ΨJB7
Unit
CC-26-2
39.32
13.10
30.09
7.63
1.30
12.95
°C/W
1 Test Condition 1: thermal impedance simulated values are based upon use of
2S2P JEDEC PCB. See the Ordering Guide.
2 θJA is the junction to ambient (or die to ambient) thermal resistance measured
in a one cubic foot sealed enclosure.
3 θJB is the junction-to-board thermal resistance.
4 θJCT is the junction-to-case top (or die to package) thermal resistance.
5 θJCB is the junction-to-case bottom thermal resistance.
6 ѰJT refers to the junction to top thermal characterization number.
7 ѰJB refers to the junction to board thermal characterization number.
ELECTROSTATIC DISCHARGE (ESD) RATING
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD-protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field induced charged-device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002.
ESD Ratings for ADL5961
Table 5. ADL5961, 26-Lead LGA
ESD Model
Withstand Threshold (V)
Class
HBM
2000
2
FICDM
500
1B
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com