Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5961ACCZ-R2 Datasheet(PDF) 34 Page - Analog Devices

Part # ADL5961ACCZ-R2
Description  9 kHz to 26.5 GHz Integrated Vector Network Analyzer Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5961ACCZ-R2 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADL5961ACCZ-R2 Datasheet HTML 26Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 27Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 28Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 29Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 30Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 31Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 32Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 33Page - Analog Devices ADL5961ACCZ-R2 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
Data Sheet
ADL5961
OUTLINE DIMENSIONS
©2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 34 of 34
Figure 73. 26-Lead Land Grid Array [LGA]
(CC-26-2)
Dimensions shown in millimeters
Updated: July 05, 2023
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
ADL5961ACCZ
−40°C to +105°C
26-Lead Land Grid Array [LGA]
CC-26-2
ADL5961ACCZ-R2
−40°C to +105°C
26-Lead Land Grid Array [LGA]
Reel, 250
CC-26-2
ADL5961ACCZ-R7
−40°C to +105°C
26-Lead Land Grid Array [LGA]
Reel, 1500
CC-26-2
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1, 2, 3
Description
ADL5961-EVALZ
Evaluation Board
ADL5961-KIT-EVALZ
RF Evaluation Board Kit
1 Z = RoHS Compliant Part.
2 The ADL5961-EVALZ package includes the board only.
3 A preprogrammed DC2026C Linduino One controller board is included with the ADL5961-KIT-EVALZ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com