Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367-PI Datasheet(PDF) 32 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 32 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 28Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 29Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 30Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 31Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 32Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 33Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 34Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 35Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 36Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
18
Pin Name
Type
Pin
No.
Function
IRDYB
I/O
K18
The active low initiator ready (IRDYB) signal is
used to indicate whether the initiator is ready to
start or continue with a transaction. IRDYB
works in conjunction with TRDYB to complete
transaction data phases. When IRDYB is set
high and a transaction is in progress, the
initiator is indicating it cannot complete the
current data phase and is forcing a wait state.
When IRDYB is set low and a transaction is in
progress, the initiator is indicating it has
completed the current data phase. The data
phase is completed when IRDYB is set low and
the target ready signal (IRDYB) is also set low.
When the FREEDM-32P32 is the initiator,
IRDYB is an output.
When the FREEDM-32P32 is the target, IRDYB
is an input.
When the FREEDM-32P32 is not involved in
the current transaction, IRDYB is tri-stated.
IRDYB is updated on the rising edge of PCICLK
or sampled on the rising edge of PCICLK
depending on whether it is an output or an
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com