Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367-PI Datasheet(PDF) 46 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 46 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 42Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 43Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 44Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 45Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 46Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 47Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 48Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 49Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 50Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
32
8.2.1 Line Interface
There are 32 identical line interface blocks in the RCAS. Each line interface
contains a bit counter, an 8-bit shift register and a holding register, that, together,
perform serial to parallel conversion. Whenever the holding register is updated,
a request for service is sent to the priority encoder block. When acknowledged
by the priority encoder, the line interface would respond with the data residing in
the holding register.
To support channelised links, each line interface block contains a time-slot
counter and a clock activity monitor. The time-slot counter is incremented each
time the holding register is updated. The clock activity monitor is a counter that
increments at the system clock (SYSCLK) rate and is cleared by a rising edge of
the receive clock (RCLK[n]). A framing bit (T1) or framing byte (E1) is detected
when the counter reaches a programmable threshold. In which case, the bit and
time-slot counters are initialised to indicate that the next bit is the most significant
bit of the first time-slot. For unchannelised links, the time-slot counter and the
clock activity monitor are held reset.
8.2.2 Priority Encoder
The priority encoder monitors the line interfaces for requests and synchronises
them to the SYSCLK timing domain. Requests are serviced on a fixed priority
scheme where highest to lowest priority is assigned from the line interface
attached to RD[0] to that attached to RD[31]. Thus, simultaneous requests from
RD[m] will be serviced ahead of RD[n], if m < n. When there are no pending
requests, the priority encoder generates an idle cycle. In addition, once every
fourth SYSCLK cycle, the priority encoder inserts a null cycle where no requests
are serviced. This cycle is used by the channel assigner downstream for host
microprocessor accesses to the provisioning RAMs.
8.2.3 Channel Assigner
The channel assigner block determines the channel number of the data byte
currently being processed. The block contains a 1024 word channel provision
RAM. The address of the RAM is constructed from concatenating the link
number and the time-slot number of the current data byte. The fields of each
RAM word include the channel number and a time-slot enable flag. The time-slot
enable flag labels the current time-slot as belonging to the channel indicted by
the channel number field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com