Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367-PI Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 67Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 68Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 69Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 70Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 71Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 72Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 73Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 74Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
57
Field
Description
IOC
The Interrupt On Complete (IOC) bit is used by the
host to instruct the TMAC to interrupt the host when
the current TD's data buffer has been read. When
IOC is logic 1, the TMAC asserts the IOCI interrupt
when the data buffer has been read. Additionally, the
Free Queue FIFO will be flushed. If IOC is logic zero,
the TMAC will not generate an interrupt and the Free
Queue FIFO will operate normally.
Host Next TD Pointer
[13:0]
The Host Next TD Pointer[13:0] bits are used to store
TDRs which permits the host to support linked lists of
TDs. As described above, linked lists of TDs are
terminated by setting the CE bit to logic 1. Linked
lists of TDs are used by the host to pass multiple TD
packets or multiple packets associated with the same
channel and priority level to the TMAC.
Transmit Buffer Size
[15:0]
The Transmit Buffer Size[15:0] field is used to
indicate the size in bytes of the current TD's data
buffer. (N.B. The TMAC does not make use of this
field.)
Transmit Descriptor Table
The Transmit Descriptor Table, which resides in host memory, contains all of the
Transmit Descriptors referenced by the TMAC. To access a TD, the TMAC takes
a TDR from a TDRR queue or from the TCDR table and adds 16 times its value
(because each TD is 16 bytes in size) to the Transmit Descriptor Table Base
(TDTB) pointer to form the actual address of the TD in host memory. Each TD
must reside in the Transmit Descriptor Table. The Transmit Descriptor Table can
contain a maximum of 16384 TDs. The base of the Transmit Descriptor Table is
user programmable using the TMAC Tx Descriptor Table Base register. Thus, as
shown below, each TD can be located using a Transmit Descriptor Reference
(TDR) combined with the TMAC Tx Descriptor Table Base register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com