Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367-PI Datasheet(PDF) 35 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 35 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 31Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 32Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 33Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 34Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 35Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 36Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 37Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 38Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 39Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
21
Pin Name
Type
Pin
No.
Function
REQB
Output
E17
The active low PCI bus request signal (REQB)
requests an external arbiter for control of the
PCI bus. REQB is set low when the FREEDM-
32P32 desires access to the host memory.
REQB is set high when access is not desired.
REQB is updated on the rising edge of PCICLK.
GNTB
Input
D18
The active low PCI bus grant signal (GNTB)
indicates the granting of control over the PCI in
response to a bus request via the REQB output.
When GNTB is set high, the FREEDM-32P32
does not have control over the PCI bus. When
GNTB is set low, the external arbiter has
granted the FREEDM-32P32 control over the
PCI bus. However, the FREEDM-32P32 will not
proceed until the FRAMEB signal is sampled
high, indicating no current transactions are in
progress.
GNTB is sampled on the rising edge of PCICLK.
PCIINTB
OD
Output
W16
The active low PCI interrupt signal (PCIINTB) is
set low when a FREEDM-32P32 interrupt
source is active, and that source is unmasked.
The FREEDM-32P32 may be enabled to report
many alarms or events via interrupts. PCIINTB
returns high when the interrupt is acknowledged
via an appropriate register access.
PCIINTB is an open drain output and is updated
on the rising edge of PCICLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com