Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367-PI Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 37Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 38Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 39Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 40Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 41Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 42Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 43Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 44Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
27
Pin Name
Type
Pin
No.
Function
TDAT[0]
TDAT[1]
TDAT[2]
TDAT[3]
TDAT[4]
TDAT[5]
TDAT[6]
TDAT[7]
TDAT[8]
TDAT[9]
TDAT[10]
TDAT[11]
TDAT[12]
TDAT[13]
TDAT[14]
TDAT[15]
I/O
The bi-directional test mode data bus
(TDAT[15:0]) carries data read from or written to
FREEDM-32P32 registers during production test.
TDAT[15:0] replace TD[31:16] when PMCTEST is
set high.
Table 5 – Power and Ground Signals (60)
Pin Name
Type
Pin
No.
Function
VDD1
VDD2
VDD3
VDD4
VDD5
VDD6
VDD7
VDD8
VDD9
VDD10
VDD11
VDD12
VDD13
VDD14
VDD15
VDD16
Power
C3
C18
D6
D11
D15
F4
F17
K4
L17
R4
R17
U6
U10
U15
V3
V18
The DC power pins should be connected to a
well decoupled +3.3 V DC supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com