Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367-PI Datasheet(PDF) 87 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 87 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 83Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 84Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 85Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 86Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 87Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 88Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 89Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 90Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 91Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
73
1. PCI Host Accessible registers (PA) - these registers can be accessed through
the PCI Host interface.
2. PCI Configuration registers (PC) - these register can only be accessed
through the PCI Host interface during a PCI configuration cycle.
The PCI registers are addressable on dword boundaries only. The PCI offset
shown in the table below must be combined with a base address to form the PCI
Interface address. The base address can be found in the FREEDM-32P32
Memory Base Address register in the PCI Configuration memory space.
Table 12 – Normal Mode PCI Host Accessible Register Memory Map
PCI Offset
Register
0x000
FREEDM-32P32 Master Reset
0x004
FREEDM-32P32 Master Interrupt Enable
0x008
FREEDM-32P32 Master Interrupt Status
0x00C
FREEDM-32P32 Master Clock / BERT Activity Monitor and
Accumulation Trigger
0x010
FREEDM-32P32 Master Link Activity Monitor
0x014
FREEDM-32P32 Master Line Loopback #1
0x018
FREEDM-32P32 Master Line Loopback #2
0x01C
Reserved
0x020
FREEDM-32P32 Master BERT Control
0x024
FREEDM-32P32 Master Performance Monitor Control
0x028 - 0x03C
Reserved
0x040
GPIC Control
0x044 - 0x07C
GPIC Reserved
0x080 - 0x0FC
Reserved
0x100
RCAS Indirect Channel and Time-slot Select
0x104
RCAS Indirect Channel Data
0x108
RCAS Framing Bit Threshold
0x10C
RCAS Channel Disable
0x110 - 0x17C
RCAS Reserved
0x180
RCAS Link #0 Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com