Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367-PI Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 45Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 46Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 47Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 48Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 49Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 50Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 51Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 52Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
35
Figure 3 – Partial Packet Buffer Structure
16 bytes
16 bytes
16 bytes
16 bytes
16 bytes
16 bytes
Partial Packet
Buffer RAM
Block 511
Block 0
Block 1
Block 2
Block 3
Block 511
Block 0
Block 1
Block 2
Block 3
Block
Pointer RAM
Block 200
Block 200
0x03
0xC8
0x01
XX
XX
XX
The FIFO algorithm of the partial packet buffer processor is based on a
programmable per-channel transfer size. Instead of tracking the number of full
blocks in a channel FIFO, the processor tracks the number of transactions.
Whenever the partial packet writer fills a transfer-sized number of blocks or
writes an end-of-packet flag to the channel FIFO, a transaction is created.
Whenever the partial packet reader transmits a transfer-size number of blocks or
an end-of-packet flag to the RMAC block, a transaction is deleted. Thus, small
packets less than the transfer size will be naturally transferred to the RMAC
block without having to precisely track the number of full blocks in the channel
FIFO.
The partial packet roamer performs the transaction accounting for all channel
FIFOs. The roamer increments the transaction count when the writer signals a
new transaction and sets a per-channel flag to indicate a non-zero transaction
count. The roamer searches the flags in a round-robin fashion to decide for
which channel FIFO to request transfer by the RMAC block. The roamer informs
the partial packet reader of the channel to process. The reader transfers the
data to the RMAC until the channel transfer size is reached or an end of packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com