Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367-PI Datasheet(PDF) 73 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 73 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 69Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 70Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 71Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 72Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 73Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 74Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 75Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 76Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 77Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
59
enabled, free TDRs are written into the TDRF queue six at a time, to reduce the
number of host memory accesses. The Free Queue cache is also flushed to the
TDRF queue if the Interrupt On Completion (IOC) bit is set in the TD, which
sends the corresponding TDR directly to the TDRF queue.
The queues, shown in Figure 12 are defined by a common base pointer residing
in the Transmit Queue Base register and eight offset pointers, four per queue.
For each queue, two pointers define the start and the end of the queue, and two
pointers keep track of the current read and write locations within the queue. The
read pointer for each queue points to the offset of the last valid TDR read, and
the write pointer points to the offset where next TDR can be written. The end of
a queue is not a valid location for a TDR to be read or written. A queue is empty
when the read pointer is one less than the write pointer or if the read pointer is
one less than the end pointer and the write pointer equals the start pointer. A
queue is full when the read pointer is equal to the write pointer. Each queue
element is 32 bits in size, but only the 17 least significant bits are valid. The 17
least significant bits consist of a 14-bit TDR and three status bits. The status bits
are used by the TMAC to inform the host of the success or failure of
transmission (see Table 10). When the TMAC writes TDRs to the TDRF queue,
it sets bits [23:17] of the queue element to 0. Once a TDR is placed on the
TDRF queue, the FREEDM-32P32 will make no further accesses to the TD nor
the associated buffer.
Note that the maximum value to which an end pointer may be set is FFFF hex,
resulting in a maximum offset from the queue base address of (4*(FFFF-1)) =
3FFF8 hex. An end pointer must not be set to 0 hex in an attempt to include
offset 3FFFC hex in a queue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com