Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367-PI Datasheet(PDF) 62 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 62 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 58Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 59Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 60Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 61Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 62Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 63Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 64Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 65Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 66Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
48
8.5.1 Master Machine
The GPIC master machine translates requests from the RMAC and TMAC block
interfaces into PCI bus transactions. The GPIC initiates four types of PCI cycles:
memory read (burst or single), memory read multiple, memory read line and
memory write (burst or single). The number of data transfers in any cycle is
controlled by the DMA controllers. The maximum burst size is determined by the
particular data path. A read cycle to the RMAC is restricted to a maximum burst
size of 8 dwords and a write cycle is limited to a maximum of 32. The TMAC
interface has a limit of 32 dwords on a read cycle and 8 on a write cycle.
In response to a DMA controller requesting a cycle, the GPIC must arbitrate for
control of the PCI bus. Before asserting the PCI Request line, the GPIC first
does an internal arbitration to determine the priority of service in the event that
both the RMAC and TMAC are requesting service. The GPIC arbitrates between
the four FIFOs based on either a RMAC priority or a round-robin scheme that is
software selectable. It is possible for all four FIFOs (RMAC read, TMAC read,
RMAC write, TMAC write) to request service simultaneously.
When an external PCI bus arbitrator issues a Grant in response to the Request
from the GPIC, the master state machine monitors the PCI bus to insure that the
previous master has completed its transaction and has released the bus before
beginning the cycle. Once the GPIC has control of the bus, it will assert the
FRAME signal and drive the bus with the address and command. The value for
the address is provided by the selected DMA controller. After the initial data
transfer, the GPIC tracks the address for all remaining transfers in the burst
internally in case the GPIC is disconnected by the target and must retry the
transaction.
The target of the GPIC master burst cycle has the option of stopping or
disconnecting the burst at any point. In the event of a target disconnect the
GPIC will terminate the present cycle and release the PCI bus. If the GPIC is
asserting the REQUEST line at the time of the disconnect, it will remove the
REQUEST for two PCI clock cycles then reassert it. When the PCI bus arbitrator
returns the GRANT, the GPIC will restart the burst access at the next address
and continue until the burst is completed or repeat the sequence if the target
disconnects again.
During burst reads, the GPIC accepts the data without inserting any wait states.
Data is written directly into the read FIFO where the RMAC or TMAC can remove
it at its own rate. During burst writes, the GPIC will output the data without
inserting any wait states, but may terminate the transaction early if the local
master fails to fill the write FIFO with data before the GPIC requires it. (If a write
transaction is terminated early due to data starvation, the GPIC will automatically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com