Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD77020 Datasheet(PDF) 4 Page - Microchip Technology

Part # PD77020
Description  PoE PSE Power Management Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77020 Datasheet(HTML) 4 Page - Microchip Technology

  PD77020 Datasheet HTML 1Page - Microchip Technology PD77020 Datasheet HTML 2Page - Microchip Technology PD77020 Datasheet HTML 3Page - Microchip Technology PD77020 Datasheet HTML 4Page - Microchip Technology PD77020 Datasheet HTML 5Page - Microchip Technology PD77020 Datasheet HTML 6Page - Microchip Technology PD77020 Datasheet HTML 7Page - Microchip Technology PD77020 Datasheet HTML 8Page - Microchip Technology PD77020 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
PD77020
Application Information
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001824A - 4
1.
Application Information
This section provides practical operation information for a PSE based on the PD77728 and the
PD77020 devices.
1.1
Controller Mode
This section provides a high-level description of the Controller Mode operation in a PSE based on the
PD77728 and the PD77020 devices.
The PD77020 device is used in conjunction with PD77728 to create an inclusive system, where
the PD77020 PoE Power Management Controller provides high level, sophisticated, and multi-port
PoE functions, such as port mapping (Port Matrix), port priority, port status, and system power
management.
The following figure shows the Controller mode operation.
Figure 1-1. Controller Mode Operation
PD77728
PD77728
PD77728
PD77728
OSS
RESET_IN_N
A1
A2
A3
A4
A1 – A4:
Set I
2C device address
A1
A2
A3
A4
A1
A2
A3
A4
A1
A2
A3
A4
0 1 2 3 4 5 6 7
port_neg
0 1 2 3 4 5 6 7
port_neg
0 1 2 3 4 5 6 7
port_neg
0 1 2 3 4 5 6 7
port_neg
VMAIN
VMAIN
VMAIN
VMAIN
3.3V
...
...
3.3V
3.3V
3.3V
10K
10K
10K
10K
...
...
SDA
SCL
I2C
iso
Isolation Barrior
dig
iso
PD77020
Host
Processor
LED_SCK
xLED_SS
LED_DO
xLED_OE
LED
Stream
I2C_ADDR_Meas
3.3V
R1
10K
AUTO
AUTO
AUTO
AUTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com