Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD77020 Datasheet(PDF) 9 Page - Microchip Technology

Part # PD77020
Description  PoE PSE Power Management Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77020 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PD77020 Datasheet HTML 5Page - Microchip Technology PD77020 Datasheet HTML 6Page - Microchip Technology PD77020 Datasheet HTML 7Page - Microchip Technology PD77020 Datasheet HTML 8Page - Microchip Technology PD77020 Datasheet HTML 9Page - Microchip Technology PD77020 Datasheet HTML 10Page - Microchip Technology PD77020 Datasheet HTML 11Page - Microchip Technology PD77020 Datasheet HTML 12Page - Microchip Technology PD77020 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PD77020
Pins
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001824A - 9
...........continued
PD77020
Designation
Type
Description
28
VSSD
GND
Ground
29
VDD_CORE
Power
Internal 1.2V core voltage
Connect 1 μF capacitor to VSSD.
30
VDD
Supply
Main 3.3V supply
31
SWD_CLK
SWD
Connect 1 kΩ pull-up to 3.3V.
32
SWD_DIO
SWD
Leave open
ePAD
ePAD
GND
Connect to VSSA. It must have sufficient copper mass to
ensure adequate thermal performance.
The following figure shows the I2C address selection of the PD77020 PoE Controller.
Figure 3-2. I2C Address Selection
PoE
Controller
PD77020
I2C_ADDR_M
EAS
10 K
Ω
R1
11
3.3 VDC
The following table lists the specific value of R to choose I2C and set the address.
Table 3-2. I2C Address Selection
I2C Address (Hexadecimal)
R1–KΩ (1%)
0x4
147
0x8
86.6
0xC
57.6
0x10
43.2
0x14
34
0x18
26.7
0x1C
22.1
0x20
18.2
0x24
15.4
0x28
13
0x2C
11
0x30
9.31
0x34
7.87
0x38
6.49
0x3C
5.49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com