Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD77020 Datasheet(PDF) 12 Page - Microchip Technology

Part # PD77020
Description  PoE PSE Power Management Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77020 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PD77020 Datasheet HTML 8Page - Microchip Technology PD77020 Datasheet HTML 9Page - Microchip Technology PD77020 Datasheet HTML 10Page - Microchip Technology PD77020 Datasheet HTML 11Page - Microchip Technology PD77020 Datasheet HTML 12Page - Microchip Technology PD77020 Datasheet HTML 13Page - Microchip Technology PD77020 Datasheet HTML 14Page - Microchip Technology PD77020 Datasheet HTML 15Page - Microchip Technology PD77020 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
PD77020
Package Information
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001824A - 12
Figure 4-3. PD77020 Top-Layer Copper
Figure 4-4. PD77020 Paste Mask
Note: The contract manufacturer has latitude to modify the solder paste stencil for
manufacturability reasons. The solder paste stencil covers 65% to 80% of the thermal pad and
must not allow solder to be applied to the thermal vias under the QFN package using any method
they deem appropriate. Any design must be subject to system validation and qualification prior to
commitment to mass production of field deployment. Use a 5 mil stencil.
4.4
Recommended Solder Reflow Information
The recommended solder reflow information is as follows:
• RoHS 6/6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com