Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD77020 Datasheet(PDF) 1 Page - Microchip Technology

Part # PD77020
Description  PoE PSE Power Management Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77020 Datasheet(HTML) 1 Page - Microchip Technology

  PD77020 Datasheet HTML 1Page - Microchip Technology PD77020 Datasheet HTML 2Page - Microchip Technology PD77020 Datasheet HTML 3Page - Microchip Technology PD77020 Datasheet HTML 4Page - Microchip Technology PD77020 Datasheet HTML 5Page - Microchip Technology PD77020 Datasheet HTML 6Page - Microchip Technology PD77020 Datasheet HTML 7Page - Microchip Technology PD77020 Datasheet HTML 8Page - Microchip Technology PD77020 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001824A - 1
Introduction
The PD77020 PoE Power Management Controller provides multi-port PoE functions, such as, port mapping
(Port Matrix), port priority, port status, and system power management. The PD77020 device can be used in
conjunction with PD77728 seventh generation PoE Manager/Controller from Microchip. The PD77020 device is
based on a Microchip SAMD21 controller and is packaged in a 5 mm × 5 mm 32-pin QFN package.
The following figure shows a typical PoE application with PD77020.
Figure 1. Typical PoE Application with PD77020
SDIO
SCLIO
RESET_IN_N
OSS
IREF
DGND
AGND
VDD
VDDA
VMAIN
PD77728
PoE Manager/Controller
VMAIN
VMAIN
PORT_NEG0
PORT_NEG7
POE_3.3V
POE_3.3V
VMAIN
Up to 12 Devices
Isolation Barrier
I2C
Isolation
PD77020
Isolation
POE_DGND
POE_AGND
OSS_OUT
xRESET_OUT
I2C_OUT_SDA
I2C_OUT_SCL
VDD
HOST_3.3V
HOST_GND
I2C_IN_SDA
I2C_IN_SCL
SDA
Host
Processor
SCL
ISO_3.3V
HOST_3.3V
HOST_GND
ISO_3.3V
HOST_3.3V
HOST_GND
GND
HOST_GND
GND
HOST_GND
VSSD
HOST_GND
VSSD
HOST_GND
CONTROL
CONTROL
LED_CONTROL
5
4
PGx
PoE PSE Power Management Controller
PD77020


Similar Part No. - PD77020

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD77016GM-KMD RENESAS-PD77016GM-KMD Datasheet
445Kb / 58P
MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - PD77020

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4266A LINER-LTC4266A Datasheet
755Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
724Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4290 LINER-LTC4290 Datasheet
336Kb / 32P
8-Port PoE/PoE PSE Controller
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4266C LINER-LTC4266C_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4274 LINER-LTC4274_15 Datasheet
362Kb / 28P
Single PoE PSE Controller
LTC4274A LINER-LTC4274A_15 Datasheet
360Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
logo
Microchip Technology
PD39210 MICROCHIP-PD39210 Datasheet
638Kb / 22P
PoE PSE Controller
2020
PD69210 MICROCHIP-PD69210 Datasheet
485Kb / 21P
PoE PSE Controller Datasheet
2020
PD69200 MICROCHIP-PD69200 Datasheet
384Kb / 20P
PoE PSE Controller
A March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com