Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD77020 Datasheet(PDF) 13 Page - Microchip Technology

Part # PD77020
Description  PoE PSE Power Management Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77020 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PD77020 Datasheet HTML 9Page - Microchip Technology PD77020 Datasheet HTML 10Page - Microchip Technology PD77020 Datasheet HTML 11Page - Microchip Technology PD77020 Datasheet HTML 12Page - Microchip Technology PD77020 Datasheet HTML 13Page - Microchip Technology PD77020 Datasheet HTML 14Page - Microchip Technology PD77020 Datasheet HTML 15Page - Microchip Technology PD77020 Datasheet HTML 16Page - Microchip Technology PD77020 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
PD77020
Package Information
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001824A - 13
• Pb-free 100% Matte Tin Finish
• Package Peak Temperature for Solder Reflow (40s maximum exposure)—260 °C (0 °C, −5 °C)
The following figures and tables show the classification reflow profiles and temperatures.
Table 4-3. Classification Reflow Profiles
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp-up rate (TSmax to Tp)
3 °C/s maximum
3 °C/s maximum
Preheat
Temperature min (TSmin)
100 °C
150 °C
Temperature max (TSmax)
150 °C
200 °C
Time (tsmin to tsmax)
60s to 120s
60s to 180s
Time Maintained
Temperature (TL)
183 °C
217 °C
Time (tL)
60s to 150s
60s to 150s
Peak classification temperature (TP)
210 °C to 235 °C
240 °C to 255 °C
Time within 5 °C of actual peak temperature (tp)
10s to 30s
20s to 40s
Ramp-down rate
6 °C/s maximum
6 °C/s maximum
Time 25 °C to peak temperature
6 minutes maximum
8 minutes maximum
Figure 4-5. Classification Reflow Profiles
Table 4-4. Pb-Free Process—Package Classification Reflow Temperatures
Package Thickness
Volume < 350 mm3
Volume 350–2000 mm3
Volume > 2000 mm3
Less than 1.6 mm1
260 + 0 °C
260 + 0 °C
260 + 0 °C
1.6 mm to 2.5 mm1
260 + 0 °C
250 + 0 °C
245 + 0 °C
Greater than or equal to 2.5 mm1
250 + 0 °C
245 + 0 °C
245 + 0 °C
Note: 
1. Tolerance: The device manufacturer or supplier must assure process compatibility up to and
including the stated classification temperature, that is, the Peak reflow temperature is 0 °C. For
example, 260 °C to 0 °C, at the rated MSL value.
Exceeding the ratings that are mentioned in the preceding table might cause damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com