Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD77020 Datasheet(PDF) 14 Page - Microchip Technology

Part # PD77020
Description  PoE PSE Power Management Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77020 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PD77020 Datasheet HTML 10Page - Microchip Technology PD77020 Datasheet HTML 11Page - Microchip Technology PD77020 Datasheet HTML 12Page - Microchip Technology PD77020 Datasheet HTML 13Page - Microchip Technology PD77020 Datasheet HTML 14Page - Microchip Technology PD77020 Datasheet HTML 15Page - Microchip Technology PD77020 Datasheet HTML 16Page - Microchip Technology PD77020 Datasheet HTML 17Page - Microchip Technology PD77020 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
PD77020
Ordering Information
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001824A - 14
5.
Ordering Information
The following table lists the part ordering information of the PD77020 device.
Table 5-1. Ordering Information
Part Number
Package
Packaging Type
Temperature
Part Marking
PD77020-VVVV2SS3-TR
Plastic QFN
5 mm × 5 mm
(32 lead)
Tape and Reel
−40 °C to 85 °C
Microchip Logo
PD77020
e3 Arm®
YYWWNNN1
PD77020-VVVV2SS3
Plastic QFN
5 mm × 5 mm
(32 lead)
Tray
−40 °C to 85 °C
Microchip Logo
PD77020
e3 Arm
YYWWNNN1
Notes: 
1. YY= Year; WW= Week; and NNN= Trace code
2. VVVV = Firmware revision
3. SS = Firmware parameters options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com