Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD77020 Datasheet(PDF) 6 Page - Microchip Technology

Part # PD77020
Description  PoE PSE Power Management Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77020 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PD77020 Datasheet HTML 2Page - Microchip Technology PD77020 Datasheet HTML 3Page - Microchip Technology PD77020 Datasheet HTML 4Page - Microchip Technology PD77020 Datasheet HTML 5Page - Microchip Technology PD77020 Datasheet HTML 6Page - Microchip Technology PD77020 Datasheet HTML 7Page - Microchip Technology PD77020 Datasheet HTML 8Page - Microchip Technology PD77020 Datasheet HTML 9Page - Microchip Technology PD77020 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PD77020
Electrical Specifications
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001824A - 6
The following table lists the I/O charateristics of the PD77020 device.
Table 2-4. I/O Characteristics
Symbol Parameter
Conditions
Min.
Typ.
Max.
Units
RPULL
Internal Pull-up/Pull-down resistance
—
20
40
60
kΩ
VIL
Input low-level voltage
VDD = 3.0V–3.6V
—
—
0.3 × VDD V
VIH
Input high-level voltage
VDD = 3.0V–3.6V
0.55 × VDD —
—
VOL
Output low-level voltage
VDD > 3.0V, IOL maxI
—
0.1 × VDD 0.2 × VDD
VOH
Output high-level voltage
VDD > 3.0V, IOH maxII
0.8 × VDD
0.9 × VDD —
IOL
Output low-level current
VDD = 3V–3.63V
—
—
10
mA
IOH
Output high-level current
VDD = 3V–3.63V
—
—
7
mA
tRISE
Rise time1
load = 20 pF, VDD = 3.3V
—
—
15
ns
tFALL
Fall time1
load = 20 pF, VDD = 3.3V
—
—
15
ns
ILEAK
Input leakage current
Pull-up resistors disabled
−1
±0.015
1
μA
Note: 
1. These values are based on simulation. These values are not covered by test limits in production
or characterization.
The following table lists the I2C pins characteristics of the PD77020 device.
Table 2-5. I2C Pins Characteristics in I2C Configuration
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIL
Input low-level voltage
VDD = 3.0V–3.6V
—
—
0.3 × VDD
V
VIH
Input high-level voltage
VDD = 3.0V–3.6V
0.55 × VDD
—
—
VHYS
Hysteresis of Schmitt trigger inputs
0.08 × VDD
—
—
VOL
Output low-level voltage
VDD > 3.0V, IOL = 3 mA
—
—
0.4
IOL
Output low-level current
VOL = 0.4V
Fast Mode +
20
—
—
mA
fSCL
SCL clock frequency
—
—
400
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com