Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD77020 Datasheet(PDF) 5 Page - Microchip Technology

Part # PD77020
Description  PoE PSE Power Management Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77020 Datasheet(HTML) 5 Page - Microchip Technology

  PD77020 Datasheet HTML 1Page - Microchip Technology PD77020 Datasheet HTML 2Page - Microchip Technology PD77020 Datasheet HTML 3Page - Microchip Technology PD77020 Datasheet HTML 4Page - Microchip Technology PD77020 Datasheet HTML 5Page - Microchip Technology PD77020 Datasheet HTML 6Page - Microchip Technology PD77020 Datasheet HTML 7Page - Microchip Technology PD77020 Datasheet HTML 8Page - Microchip Technology PD77020 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PD77020
Electrical Specifications
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001824A - 5
2.
Electrical Specifications
For the complete list of latest electrical specifications of the PD77020 device, see the SAMD21 Family
Data Sheet.
2.1
Absolute Maximum Ratings
Stresses beyond those listed in this section might cause permanent damage to the device. This
is a stress rating only and functional operation of the device at these or other conditions beyond
those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods might affect device reliability. The following table
lists the absolute maximum ratings.
Table 2-1. Absolute Maximum Ratings
Symbol
Parameter
Min.
Max.
Units
VDD
Power supply voltage
0
3.8
V
VPIN
Pin voltage with respect to GND and VDD
GND − 0.6V
VDD + 0.6V
V
Lead soldering temperature
(40s, reflow)
—
—
260
°C
Storage temperature
—
−60
150
°C
2.2
Immunity
The following table lists the immunity details of the PD77020 device.
Table 2-2. Immunity
Symbol
Parameter
Conditions
Min.
Max.
Units
ESD
ESD rating
HBM1
−2000
2000
V
CDM2
−500
500
V
Notes: 
1. ESD HBM complies with JESD22 Class 2 standard.
2. ESD CDM complies with JESD22 Class 1 standard.
2.3
Electrical Characteristics
The following table lists the general operating conditions for the PD77020 device.
Table 2-3. General Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Power supply voltage
3.0
3.3
3.6
V
VDDA
Power supply voltage
3.0
3.3
3.6
V
TA
Temperature range
−40
25
85
°C
TJ
Junction temperature
—
—
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com