Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD77020 Datasheet(PDF) 10 Page - Microchip Technology

Part # PD77020
Description  PoE PSE Power Management Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77020 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PD77020 Datasheet HTML 6Page - Microchip Technology PD77020 Datasheet HTML 7Page - Microchip Technology PD77020 Datasheet HTML 8Page - Microchip Technology PD77020 Datasheet HTML 9Page - Microchip Technology PD77020 Datasheet HTML 10Page - Microchip Technology PD77020 Datasheet HTML 11Page - Microchip Technology PD77020 Datasheet HTML 12Page - Microchip Technology PD77020 Datasheet HTML 13Page - Microchip Technology PD77020 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PD77020
Package Information
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001824A - 10
4.
Package Information
This section provides the package information for the PD77020 device.
4.1
PD77020 Package Outline Drawing
The following figure shows the package drawing of the PD77020 device.
Figure 4-1. PD77020 Package Outline Drawing (32 Pin QFN 5 mm × 5 mm)
The following table lists the dimensions and measurements of the PD77020 package.
Table 4-1. PD77020 Package Outline Dimensions and Measurements
Dimension
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.80
1.00
0.031
0.039
A1
0.00
0.05
0
0.002
e
0.50 BSC
—
0.02 BSC
—
L
0.30
0.50
0.012
0.02
b
0.18
0.30
0.007
0.012
D2
3.50
3.70
0.138
0.147
E2
3.50
3.70
0.138
0.147
D
5.00 BSC
—
0.197 BSC
—
E
5.00 BSC
—
0.197 BSC
—
Note: Dimensions do not include protrusions; they must not exceed 0.155 mm (0.006 inch) on any
side. Lead dimension must not include solder coverage. Dimensions are in millimeters and inches
for reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com