Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1574DYYR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1574DYYR
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1574DYYR Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMUX1574DYYR Datasheet HTML 22Page - Texas Instruments TMUX1574DYYR Datasheet HTML 23Page - Texas Instruments TMUX1574DYYR Datasheet HTML 24Page - Texas Instruments TMUX1574DYYR Datasheet HTML 25Page - Texas Instruments TMUX1574DYYR Datasheet HTML 26Page - Texas Instruments TMUX1574DYYR Datasheet HTML 27Page - Texas Instruments TMUX1574DYYR Datasheet HTML 28Page - Texas Instruments TMUX1574DYYR Datasheet HTML 29Page - Texas Instruments TMUX1574DYYR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
10
20
30
40
50
60
70
80
90
100
Propagation Delay - PW
Skew - PW
Propagation Delay - RSV
Skew - RSV
Propagation Delay - DYY
Skew - DYY
D020
26
TMUX1574
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
9.2.2 Detailed Design Procedure
The TMUX1574 can be operated without any external components except for the supply decoupling capacitors.
The TMUX1574 has internal weak pull-down resistors (6 MΩ) to GND so that it powers-on with the switches in a
known state. All inputs signals passing through the switch must fall within the recommend operating conditions of
the TMUX1574 including signal range and continuous current. For this design example, with a supply of 3.3 V,
the signals can range from 0 V to 3.3 V when the device is powered. This example can also utilize the Powered-
off Protection feature and the inputs can range from 0 V to 3.6 V when VDD = 0 V. The max continuous current
can be 25 mA. Due to the voltage range and high speed capability, the TMUX1574 example is suitable for use in
SPI, JTAG, and I2S applications. Refer to Enabling SPI-based flash memory expansion by using multiplexers for
more information on using switches and multiplexers for SPI protocol expansion.
9.2.3 Application Curves
Two important specifications when using a switch or multiplexer to pass signals are the device propagation delay
and skew.
Figure 43. Propagation Delay and Skew Measurement
10 Power Supply Recommendations
The TMUX1574 operates across a wide supply range of 1.5 V to 5.5 V. Do not exceed the absolute maximum
ratings because stresses beyond the listed ratings can cause permanent damage to the devices.
Power-supply bypassing improves noise margin and prevents switching noise propagation from the VDD supply to
other components. Good power-supply decoupling is important to achieve optimum performance. For improved
supply noise immunity, use a supply decoupling capacitor ranging from 0.1 μF to 10 μF from VDD to ground.
Place the bypass capacitors as close to the power supply pins of the device as possible using low-impedance
connections. TI recommends using multi-layer ceramic chip capacitors (MLCCs) that offer low equivalent series
resistance (ESR) and inductance (ESL) characteristics for power-supply decoupling purposes. For very sensitive
systems, or for systems in harsh noise environments, avoiding the use of vias for connecting the capacitors to
the device pins may offer superior noise immunity. The use of multiple vias in parallel lowers the overall
inductance and is beneficial for connections to ground planes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com