Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1574DYYR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1574DYYR
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1574DYYR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMUX1574DYYR Datasheet HTML 21Page - Texas Instruments TMUX1574DYYR Datasheet HTML 22Page - Texas Instruments TMUX1574DYYR Datasheet HTML 23Page - Texas Instruments TMUX1574DYYR Datasheet HTML 24Page - Texas Instruments TMUX1574DYYR Datasheet HTML 25Page - Texas Instruments TMUX1574DYYR Datasheet HTML 26Page - Texas Instruments TMUX1574DYYR Datasheet HTML 27Page - Texas Instruments TMUX1574DYYR Datasheet HTML 28Page - Texas Instruments TMUX1574DYYR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Processor
GND
VDD
VDD
1.8 V
1.8V Logic
I/O
SEL
GND
SPI PORT
D1
D2
D3
D4
RAM
CPU
Peripherals
0.1µF
EN
S1B
S2B
S3B
S4B
FLASH Device #2
S1A
S2A
S3A
S4A
FLASH Device #1
MISO
MOSI
SCLK
SS
MISO
MOSI
SCLK
SS
VI/O
3.3 V
3.3 V
25
TMUX1574
www.ti.com
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TMUX15xx family offers high-speed system performance across a wide operating supply (1.5 V to 5.5 V)
and operating temperature (-40°C to +125°C). The TMUX1574 supports a number of features that improve
system performance such as 1.8 V logic compatibility, supports input voltages beyond supply, Fail-Safe Logic,
and Powered-off Protection up to 3.6 V. These features make the TMUX15xx a family of protection multiplexers
and switches that can reduce system complexity, board size, and overall system cost.
9.2 Typical Application
Common applications that require the features of the TMUX1574 include multiplexing various protocols from a
possessor or MCU such as SPI, JTAG, or standard GPIO signals. The TMUX1574 provides superior isolation
performance when the device is powered. The added benefit of powered-off protection allows a system to
minimize complexity by eliminating the need for power sequencing in hot-swap and live insertion applications.
The example shown in Figure 42 illustrates the use of the TMUX1574 to multiplex an SPI bus to multiple flash
memory devices.
Figure 42. Multiplexing Flash Memory
9.2.1 Design Requirements
For this design example, use the parameters listed in Table 2.
Table 2. Design Parameters
PARAMETERS
VALUES
Supply (VDD)
3.3 V
Input / Output signal range
0 V to 3.3 V
Control logic thresholds
1.8 V compatible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com