Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1574DYYR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1574DYYR
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1574DYYR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMUX1574DYYR Datasheet HTML 5Page - Texas Instruments TMUX1574DYYR Datasheet HTML 6Page - Texas Instruments TMUX1574DYYR Datasheet HTML 7Page - Texas Instruments TMUX1574DYYR Datasheet HTML 8Page - Texas Instruments TMUX1574DYYR Datasheet HTML 9Page - Texas Instruments TMUX1574DYYR Datasheet HTML 10Page - Texas Instruments TMUX1574DYYR Datasheet HTML 11Page - Texas Instruments TMUX1574DYYR Datasheet HTML 12Page - Texas Instruments TMUX1574DYYR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Logic Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
25
30
35
40
45
50
55
60
65
VDD = 3.3 V
VDD = 5.5 V
VDD = 1.5 V
D005
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
30
35
40
45
50
55
60
TA = 25qC
TA = 125qC
TA = 85qC
TA = -40qC
D006
Source or Drain Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
TA = 25qC
TA = 125qC
TA = 85qC
TA = -40qC
D003
Source or Drain Voltage (V)
0
0.5
1
1.5
0
1
2
3
4
TA = 25qC
TA = 125qC
TA = 85qC
TA = -40qC
D004
Source or Drain Voltage (V)
0
1
2
3
4
5
5.5
0
1
2
3
4
5
VDD = 5.5 V
VDD = 3.3 V
VDD = 1.5 V
D001
Source or Drain Voltage (V)
0
1
2
3
4
5
5.5
0
1
2
3
4
5
TA = 25qC
TA = 125qC
TA = 85qC
TA = -40qC
D002
9
TMUX1574
www.ti.com
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
6.8 Typical Characteristics
At TA = 25°C, VDD = 5 V (unless otherwise noted).
TA = 25°C
Figure 1. On-Resistance vs Source or Drain Voltage
VDD = 5.5 V
Figure 2. On-Resistance vs Source or Drain Voltage
VDD = 3.3 V
Figure 3. On-Resistance vs Source or Drain Voltage
VDD = 1.5 V
Figure 4. On-Resistance vs Source or Drain Voltage
TA = 25°C
Figure 5. Supply Current vs Logic Voltage
Figure 6. Supply Current vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com