Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1574DYYR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1574DYYR
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1574DYYR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMUX1574DYYR Datasheet HTML 13Page - Texas Instruments TMUX1574DYYR Datasheet HTML 14Page - Texas Instruments TMUX1574DYYR Datasheet HTML 15Page - Texas Instruments TMUX1574DYYR Datasheet HTML 16Page - Texas Instruments TMUX1574DYYR Datasheet HTML 17Page - Texas Instruments TMUX1574DYYR Datasheet HTML 18Page - Texas Instruments TMUX1574DYYR Datasheet HTML 19Page - Texas Instruments TMUX1574DYYR Datasheet HTML 20Page - Texas Instruments TMUX1574DYYR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
VDD
0 V
tBBM 1
90%
Output
0 V
tOPEN (BBM) = min ( tBBM 1, tBBM 2)
tBBM 2
VSEL
tr < 5ns
tf < 5ns
GND
VDD
VDD
0.1 F
VS
OUTPUT
RL
CL
S1A
D1
S1B
VS
OUTPUT
RL
CL
S4A
D4
S4B
VSEL
SEL
GND
VDD
0 V
Supply
Ramp
(VDD)
1.5 V
1.5 V
tON (VDD)
tOFF (VDD)
90%
90%
OUTPUT
0 V
VDD
VDD
0.1 F
VDD
VS
OUTPUT
RL
CL
S1A
D1
S1B
VS
OUTPUT
RL
CL
S4A
D4
S4B
EN
17
TMUX1574
www.ti.com
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
7.7 tON (VDD) and tOFF (VDD) Time
The tON (VDD) time is defined as the time taken by the output of the device to rise to 90% after the supply has
risen past the supply threshold. The 90% measurement is used to provide the timing of the device turning on in
the system. Figure 33 shows the setup used to measure turn on time, denoted by the symbol tON (VDD).
the tOFF (VDD) time is defined as the time taken by the output of the device to fall to 90% after the supply has fallen
past the supply threshold. The 90% measurement is used to provide the timing of the device turning off in the
system. Figure 33 shows the setup used to measure turn off time, denoted by the symbol tOFF (VDD).
Figure 33. tON (VDD) and tOFF (VDD)Time Measurement Setup
7.8 Break-Before-Make Delay
Break-before-make delay is a safety feature that prevents two inputs from connecting when the device is
switching. The output first breaks from the on-state switch before making the connection with the next on-state
switch. The time delay between the break and the make is known as break-before-make delay. Figure 34 shows
the setup used to measure break-before-make delay, denoted by the symbol tOPEN(BBM).
Figure 34. Break-Before-Make Delay Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com